Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705BN Datasheet(PDF) 17 Page - Analog Devices

Part # AD7705BN
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BN Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7705BN Datasheet HTML 13Page - Analog Devices AD7705BN Datasheet HTML 14Page - Analog Devices AD7705BN Datasheet HTML 15Page - Analog Devices AD7705BN Datasheet HTML 16Page - Analog Devices AD7705BN Datasheet HTML 17Page - Analog Devices AD7705BN Datasheet HTML 18Page - Analog Devices AD7705BN Datasheet HTML 19Page - Analog Devices AD7705BN Datasheet HTML 20Page - Analog Devices AD7705BN Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD7705/AD7706
Rev. C | Page 17 of 44
Table 11. Register Selection
RS2
RS1
RS0
Register
Register Size
0
0
0
Communication register
8 bits
0
0
1
Setup register
8 bits
0
1
0
Clock register
8 bits
0
1
1
Data register
16 bits
1
0
0
Test register
8 bits
1
0
1
No operation
1
1
0
Offset register
24 bits
1
1
1
Gain register
24 bits
Table 12. Channel Selection for AD7705
CH1
CH0
AIN(+)
AIN(−)
Calibration Register Pair
0
0
AIN1(+)
AIN1(−)
Register Pair 0
0
1
AIN2(+)
AIN2(−)
Register Pair 1
1
0
AIN1(−)
AIN1(−)
Register Pair 0
1
1
AIN1(−)
AIN2(−)
Register Pair 2
Table 13. Channel Selection for AD7706
CH1
CH0
AIN
Reference
Calibration Register Pair
0
0
AIN1
COMMON
Register Pair 0
0
1
AIN2
COMMON
Register Pair 1
1
0
COMMON
COMMON
Register Pair 0
1
1
AIN3
COMMON
Register Pair 2
SETUP REGISTER (RS2, RS1, RS0 = 0, 0, 1); POWER-ON/RESET STATUS: 01 HEXADECIMAL
The setup register is an 8-bit register from which data can be read or to which data can be written.
Table 14 outlines the bit designations for the setup register.
Table 14. Setup Register
MD1 (0)
MD0 (0)
G2 (0)
G1 (0)
G0 (0)
B/U (0)
BUF (0)
FSYNC (1)
Table 15. Setup Register Description
Register
Description
MD1, MD0
ADC Mode Bits. These bits select the operational mode of the ADC as outlined in Table 16.
G2 to G0
Gain Selection Bits. These bits select the gain setting for the on-chip PGA, as outlined in Table 17.
B/U
Bipolar/Unipolar Operation. A 0 in this bit selects bipolar operation; a 1 in this bit selects unipolar operation.
BUF
Buffer Control. With this bit at 0, the on-chip buffer on the analog input is shorted out. With the buffer shorted out, the current
flowing in the VDD line is reduced. When this bit is high, the on-chip buffer is in series with the analog input, allowing the input
to handle higher source impedances.
FSYNC
Filter Synchronization. When this bit is high, the nodes of the digital filter, the filter control logic, the calibration control logic,
and the analog modulator are held in a reset state. When this bit goes low, the modulator and filter start to process data, and
a valid word is available in 3 × 1/output rate, that is, the settling time of the filter. This FSYNC bit does not affect the digital
interface and does not reset the DRDY output if it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com