Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7662ACPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7662ACPA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662ACPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7662ACPA Datasheet HTML 2Page - Microchip Technology TC7662ACPA Datasheet HTML 3Page - Microchip Technology TC7662ACPA Datasheet HTML 4Page - Microchip Technology TC7662ACPA Datasheet HTML 5Page - Microchip Technology TC7662ACPA Datasheet HTML 6Page - Microchip Technology TC7662ACPA Datasheet HTML 7Page - Microchip Technology TC7662ACPA Datasheet HTML 8Page - Microchip Technology TC7662ACPA Datasheet HTML 9Page - Microchip Technology TC7662ACPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC7662A
DS21468B-page 6
 2001-2012 Microchip Technology Inc.
4.0
TYPICAL APPLICATIONS
4.1
Simple Negative Voltage
Converter
The majority of applications will undoubtedly utilize the
TC7662A for generation of negative supply voltages.
Figure 4-1 shows typical connections to provide a
negative supply where a positive supply of +3V to +18V
is available.
FIGURE 4-1:
SIMPLE NEGATIVE
CONVERTER AND ITS
OUTPUT EQUIVALENT
The output characteristics of the circuit in Figure 4-1
are those of a nearly ideal voltage source in series with
a resistance as shown in Figure 4-1b. The voltage
source has a value of -(VDD). The output impedance
(RO) is a function of the ON resistance of the internal
MOS switches (shown in the Functional Block
Diagram), the switching frequency, the value of CP and
CR, and the ESR (equivalent series resistance) of CP
and CR. A good first order approximation for RO is:
Combining the four RSWX terms as RSW, we see that:
RSW, the total switch resistance, is a function of supply
voltage and temperature (See Section 5.0, Typical
Characteristics “Output Source Resistance” graphs),
typically 23
 at +25°C and 5V. Careful selection of C
P
and CR will reduce the remaining terms, minimizing the
output impedance.
High
value
capacitors
will
reduce the 1/(fPUMP x CP) component, and low ESR
capacitors will lower the ESR term. Increasing the
oscillator frequency will reduce the 1/(fPUMP x CP) term,
but may have the side effect of a net increase in output
impedance when CP > 10F and there is not enough
time to fully charge the capacitors every cycle. In a typ-
ical application when fOSC = 12kHz and C = CP = CR =
10
F:
Since the ESRs of the capacitors are reflected in the
output impedance multiplied by a factor of 5, a high
value could potentially swamp out a low 1/(fPUMP x CP)
term, rendering an increase in switching frequency
or filter capacitance ineffective. Typical electrolytic
capacitors may have ESRs as high as 10
.
1
2
3
4
8
7
6
5
TC7662A
10
μF
+
VDD
+
10
μF
VOUT = -V+
–
VOUT
RO
VDD
VDD
VDD
VDD
+
–
AB
RO  2(RSW1 + RSW2 + ESRCP) + 2(RSW3 + RSW4 +
ESRCP) +
+ ESRCR
1
fPUMP x CP
(fPUMP =
, RSWX = MOSFET switch resistance)
fOSC
2
RO  2 x RSW +
+ 4 x ESRCP + ESRCR
1
fPUMP x CP
RO  2 x 23 +
+ 4 x ESRCP + ESRCR
1
(5 x 123 x 10 x 10-6)
RO  (46 + 20 + 5 x ESRC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com