Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730BN Datasheet(PDF) 21 Page - Analog Devices

Part # AD7730BN
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730BN Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7730BN Datasheet HTML 17Page - Analog Devices AD7730BN Datasheet HTML 18Page - Analog Devices AD7730BN Datasheet HTML 19Page - Analog Devices AD7730BN Datasheet HTML 20Page - Analog Devices AD7730BN Datasheet HTML 21Page - Analog Devices AD7730BN Datasheet HTML 22Page - Analog Devices AD7730BN Datasheet HTML 23Page - Analog Devices AD7730BN Datasheet HTML 24Page - Analog Devices AD7730BN Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AD7730/AD7730L
–21–
READING FROM AND WRITING TO THE ON-CHIP REGISTERS
The AD7730 contains a total of thirteen on-chip registers. These registers are all accessed over a three-wire interface. As a result,
addressing of registers is via a write operation to the topmost register on the part, the Communications Register. Figure 5 shows a
flowchart for reading from the different registers on the part summarizing the sequence and the words to be written to access each of
the registers. Figure 6 gives a flowchart for writing to the different registers on the part, again summarizing the sequence and words
to be written to the AD7730.
Figure 5. Flowchart for Reading from the AD7730 Registers
Figure 6. Flowchart for Writing to the AD7730 Registers
Register
Byte Y (Hex)
Communications Register
00
Data Register
Read Only Register
Mode Register
02
Filter Register
03
DAC Register
04
Offset Register
05
Gain Register
06
Test Register
User is advised not to change
contents of Test Register.
Byte W
Byte Y
Byte Z
Register
(Hex)
(Hex)
(Hex)
Status Register
10
20
30
Data Register
11
21
30
Mode Register
12
22
30
Filter Register
13
N/A*
N/A*
DAC Register
14
N/A*
N/A*
Offset Register
15
N/A*
N/A*
Gain Register
16
N/A*
N/A*
Test Register
17
N/A*
N/A*
*N/A= Not Applicable. Continuous reads of these registers does not make sense
as the register contents would remain the same since they are only changed by a
write operation.
START
WRITE
BYTE W TO
COMMUNICATIONS REGISTER
(SEE ACCOMPANYING TABLE)
YES
READ REGISTER
NO
WRITE
BYTE Y TO
COMMUNICATIONS REGISTER
(SEE ACCOMPANYING TABLE)
READ REGISTER
YES
NO
WRITE
BYTE Z TO
COMMUNICATIONS REGISTER
(SEE ACCOMPANYING TABLE)
STOP
CONTINUOUS
READ
OPERATION?
CONTINUOUS
READS OF
REGISTER
REQUIRED?
START
WRITE
BYTE Y TO
COMMUNICATIONS REGISTER
(SEE ACCOMPANYING TABLE)
WRITE TO REGISTER
END
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com