Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBY160808T-110Y-N Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PBY160808T-110Y-N
Description  SMD Chip Beads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PBY160808T-110Y-N Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PBY160808T-110Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers PBY160808T-110Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
10
ELECTRICAL CHARACTERISTICS NB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
NBP160808T-220Y-N
22
100
0.07
1,800
NBP160808T-300Y-N
30
100
0.07
1,800
NBP160808T-600Y-N
60
100
0.10
1,500
NBP160808T-800Y-N
80
100
0.12
1,200
NBP160808T-121Y-N
120
100
0.15
1,000
NBP201209T-070Y-N
7
100
0.03
2,000
NBP201209T-320Y-N
32
100
0.05
1,800
NBP201209T-400Y-N
40
100
0.08
1,500
NBP201209T-600Y-N
60
100
0.08
1,500
NBP201209T-121Y-N
120
100
0.10
1,000
NBP201209T-221Y-N
220
100
0.15
800
NBP321611T-150Y-N
15
100
0.04
2,000
NBP321611T-190Y-N
19
100
0.04
2,000
NBP321611T-300Y-N
30
100
0.06
1,800
NBP321611T-600Y-N
60
100
0.08
1,500
NBP321611T-121Y-N
120
100
0.10
1,200
NBP321611T-221Y-N
220
100
0.12
1,200
NBP321611T-601Y-N
600
100
0.15
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com