Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBY160808T-600Y-N Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PBY160808T-600Y-N
Description  SMD Chip Beads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PBY160808T-600Y-N Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PBY160808T-600Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 13Page - List of Unclassifed Manufacturers PBY160808T-600Y-N Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
15
ELECTRICAL CHARACTERISTICS PB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
PBY321611T-190Y-N
19
100
0.015
6,000
PBY321611T-320Y-N
32
100
0.015
4,000
PBY321611T-500Y-N
50
100
0.020
4,000
PBY321611T-800Y-N
80
100
0.025
3,000
PBY321611T-101Y-N
100
100
0.030
3,000
PBY321611T-121Y-N
120
100
0.030
3,000
PBY321611T-221Y-N
220
100
0.050
2,000
PBY321611T-301Y-N
300
100
0.060
2,000
PBY321611T-601Y-N
600
100
0.100
2,000
PBY321611T-102Y-N
1,000
50
0.150
1,200
PBY321611T-122Y-N
1,200
50
0.180
1,000
PBY321611T-152Y-N
1,500
50
0.200
800
PBY322513T-600Y-N
60
100
0.025
4,000
PBY322513T-900Y-N
90
100
0.025
3,000
PBY451616T-500Y-N
50
100
0.020
6,000
PBY451616T-600Y-N
60
100
0.020
5,000
PBY451616T-800Y-N
80
100
0.025
4,000
PBY451616T-900Y-N
90
100
0.040
4,000
PBY451616T-151Y-N
150
100
0.100
2,000
PBY451616T-471Y-N
470
100
0.100
2,000
PBY451616T-102Y-N
1,000
100
0.100
2,000
PBY453215T-700Y-N
70
100
0.030
6,000
PBY453215T-121Y-N
120
100
0.030
4,000
PBY453215T-151Y-N
150
100
0.028
4,000
PBY453215T-601Y-N
600
100
0.028
4,000
PBY453215T-132Y-N
1,300
100
0.150
1,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com