Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8114AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD8114AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114AST Datasheet(HTML) 3 Page - Analog Devices

  AD8114AST Datasheet HTML 1Page - Analog Devices AD8114AST Datasheet HTML 2Page - Analog Devices AD8114AST Datasheet HTML 3Page - Analog Devices AD8114AST Datasheet HTML 4Page - Analog Devices AD8114AST Datasheet HTML 5Page - Analog Devices AD8114AST Datasheet HTML 6Page - Analog Devices AD8114AST Datasheet HTML 7Page - Analog Devices AD8114AST Datasheet HTML 8Page - Analog Devices AD8114AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8114/AD8115
Rev. B | Page 3 of 32
AD8114/AD8115—SPECIFICATIONS
VS = ±5 V, TA = +25°C, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p, RL = 150 Ω
150/125
225/200
MHz
2 V p-p, RL = 150 Ω
100/125
MHz
Gain Flatness
0.1 dB, 200 mV p-p, RL = 150 Ω
25/40
MHz
0.1 dB, 2 V p-p, RL = 150 Ω
20/40
MHz
Propagation Delay
2 V p-p, RL = 150 Ω
5
ns
Settling Time
0.1%, 2 V step, RL = 150 Ω
40
ns
Slew Rate
2 V step, RL = 150 Ω
375/450
V/µs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 kΩ
0.05
%
NTSC or PAL, RL = 150 Ω
0.05
%
Differential Phase Error
NTSC or PAL, RL = 1 kΩ
0.05
Degrees
NTSC or PAL, RL = 150 Ω
0.05
Degrees
Crosstalk, All Hostile
f = 5 MHz
−70/−64
dB
f = 10 MHz
−60/−52
dB
Off Isolation, Input-Output
f = 10 MHz, RL = 150 Ω, one channel
−90
dB
Input Voltage Noise
0.01 MHz to 50 MHz
16/18
nV/√Hz
DC PERFORMANCE
Gain Error
No load
0.05/0.2
0.08/0.6
%
RL = 1 kΩ
0.05/0.2
%
RL = 150 Ω
0.2/0.35
%
Gain Matching
No load, channel-channel
0.01/0.5
0.04/1
%
RL = 1 kΩ channel-channel
0.01/0.5
%
Gain Temperature Coefficient
0.75/1.5
ppm/°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.2
Ω
Disabled
10
MΩ
Output Disable Capacitance
Disabled
5
pF
Output Leakage Current
Disabled
1
µA
Output Voltage Range
No load
±3.0
±3.3
V
Voltage Range
IOUT = 20 mA
±2.5
±3
V
Short-Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
3
15
mV
Temperature coefficient
10
µV/°C
Input Voltage Range
No load
±3/±1.5
±3.5
V
Input Capacitance
Any switch configuration
5
pF
Input Resistance
1
10
MΩ
Input Bias Current
Per output selected
2
5
µA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50% UPDATE to 1% settling
50
ns
Switching Transient (Glitch)
20/30
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com