Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKSZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8029AKSZ-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKSZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8029AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 16Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 17Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 18Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 19Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 20Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 21Page - Analog Devices AD8029AKSZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8029/AD8030/AD8040
Data Sheet
Rev. B | Page 18 of 24
Table 5. Effect of Load on Performance
Noninverting
Gain
RF
(kΩ)
RG
(kΩ)
RLOAD
(kΩ)
–3 dB SS BW
(MHz)
Peaking
(dB)
HD2 at 1 MHz,
2 V p-p (dB)
HD3 at 1 MHz,
2 V p-p (dB)
Output Noise
(nV/√Hz)
1
0
N/A
1
120
0.02
–80
–72
16.5
1
0
N/A
2
130
0.6
–84
–83
16.5
1
0
N/A
5
139
1
–87.5
–92.5
16.5
2
1
1
1
36
0
–72
–60
33.5
2
2.5
2.5
2.5
44.5
0.2
–79
–72.5
34.4
2
5
5
5
43
2
–84
–86
36
–1
1
1
1
40
0.01
–68
–57
33.6
–1
2.5
2.5
2.5
40
0.05
–74
–68
34
–1
5
5
5
34
1
–78
–80
36
The feedback resistance (RF || RG) combines with the input
capacitance to form a pole in the amplifier’s loop response. This
can cause peaking and ringing in the amplifier’s response if the
RC time constant is too low. Figure 55 illustrates this effect.
Peaking can be reduced by adding a small capacitor (1 pF–4 pF)
across the feedback resistor. The best way to find the optimal
value of capacitor is to empirically try it in your circuit. Another
factor of higher resistance values is the impact it has on noise
performance. Higher resistor values generate more noise. Each
application is unique and therefore a balance must be reached
between distortion, peaking, and noise performance. Table 5
outlines the trade-offs that different loads have on distortion,
peaking, and noise performance. In gains of 1, 2, and 10,
equivalent loads of 1 kΩ, 2 kΩ, and 5 kΩ are shown.
With increasing load resistance, the distortion and –3 dB
bandwidth improve, while the noise and peaking degrade
slightly.
RL = 5kΩ
FREQUENCY (MHz)
1
–8
10
100
1000
2
1
0
–1
–2
–3
–4
–5
–6
RL = 2.5kΩ
–7
RF = RL = 5kΩ
RF = RL = 2.5kΩ
RF = RL = 1kΩ
G = +2
G = +1
RL = 1kΩ
VS = 5V
VOUT = 0.1V p-p
Figure 55. Frequency Response for Various Feedback/Load Resistances
DISABLE PIN
The AD8029 disable pin allows the amplifier to be shut down
for power conservation or multiplexing applications. When in
the disable mode, the amplifier draws only 150 µA of quiescent
current. The disable pin control voltage is referenced to the
negative supply. The amplifier enters power-down mode any
time the disable pin is tied to the most negative supply or within
0.8 V of the negative supply. If left open, the amplifier will
operate normally. For switching levels, refer to Table 6.
Table 6. Disable Pin Control Voltage
Disable Pin
Voltage
Supply Voltage
+3 V
+5 V
±5 V
Low
(Disabled)
0 V to <0.8 V
0 V to <0.8 V
–5 V to <–4 .2 V
High
(Enabled)
1.2 V to 3 V
1.2 V to 5 V
–3.8 V to +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com