Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8601ARTZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8601ARTZ-R2
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8601ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 22 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8601ARTZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601ARTZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601ARTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WARTZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WARTZ-R7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WDRTZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAD
AD8601WDRTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAD
AD8602AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602AR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602AR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602DR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABD
AD8602DRMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABD
AD8604ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604DRZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604DRZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU -REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604ARQZ
−40°C to +125°C
16-Lead QSOP
RQ-16
AD8604ARQZ-RL
−40°C to +125°C
16-Lead QSOP
RQ-16
AD8604ARQZ-R7
−40°C to +125°C
16-Lead QSOP
RQ-16
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8601W/AD8602W models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices Account Representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com