Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8210WYRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8210WYRZ-R7
Description  High Voltage, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210WYRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8210WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 9Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 10Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 11Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 12Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 13Page - Analog Devices AD8210WYRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8210
Data Sheet
Rev. C | Page 10 of 16
THEORY OF OPERATION
In typical applications, the AD8210 amplifies a small differential
input voltage generated by the load current flowing through a
shunt resistor. The AD8210 rejects high common-mode voltages
(up to 65 V) and provides a ground referenced buffered output
that interfaces with an analog-to-digital converter (ADC).
Figure 26 shows a simplified schematic of the AD8210.
The AD8210 is comprised of two main blocks, a differential
amplifier and an instrumentation amplifier. A load current
flowing through the external shunt resistor produces a voltage
at the input terminals of the AD8210. The input terminals are
connected to the differential amplifier (A1) by R1 and R2. A1
nulls the voltage appearing across its own input terminals by
adjusting the current through R1 and R2 with Q1 and Q2.
When the input signal to the AD8210 is 0 V, the currents in R1
and R2 are equal. When the differential signal is nonzero, the
current increases through one of the resistors and decreases in
the other. The current difference is proportional to the size and
polarity of the input signal.
The differential currents through Q1 and Q2 are converted
into a differential voltage by R3 and R4. A2 is configured as an
instrumentation amplifier. The differential voltage is converted
into a single-ended output voltage by A2. The gain is internally
set with precision-trimmed, thin film resistors to 20 V/V.
The output reference voltage is easily adjusted by the VREF1 pin
and the VREF2 pin. In a typical configuration, VREF1 is connected
to VCC while VREF2 is connected to GND. In this case, the output
is centered at VCC/2 when the input signal is 0 V.
ISHUNT
RSHUNT
AD8210
VOUT = (ISHUNT × RSHUNT) × 20
A2
R1
R2
VS
VREF1
VREF2
GND
A1
R3
R4
Q1
Q2
Figure 26. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com