Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8602WARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8602WARZ-R7
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602WARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8602WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8602WARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 10 of 24
160
140
200
180
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 29. Output Impedance vs. Frequency
160
140
120
100
80
60
40
20
0
–20
–40
1k
10k
100k
1M
10M 20M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
Figure 30. Common-Mode Rejection Ratio vs. Frequency
160
140
120
100
80
60
40
20
0
–20
–40
1k
10k
100k
1M
10M 20M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
Figure 31. Common-Mode Rejection Ratio vs. Frequency
160
140
120
100
80
60
40
20
0
–20
–40
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
Figure 32. Power Supply Rejection Ratio vs. Frequency
70
–OS
+OS
60
50
40
30
20
10
0
10
100
1k
CAPACITANCE (pF)
VS = 2.7V
RL =
∞
TA = 25°C
AV = 1
Figure 33. Small Signal Overshoot vs. Load Capacitance
70
–OS
+OS
60
50
40
30
20
10
0
10
100
1k
CAPACITANCE (pF)
VS = 5V
RL =
∞
TA = 25°C
AV = 1
Figure 34. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com