Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9212ABCPZ-40 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9212ABCPZ-40
Description  Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212ABCPZ-40 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9212ABCPZ-40 Datasheet HTML 17Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 18Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 19Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 20Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 21Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 22Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 23Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 24Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Data Sheet
AD9212
Rev. E | Page 21 of 56
ANALOG INPUT COMMON-MODE VOLTAGE (V)
50
55
70
75
60
65
80
85
90
0.3
0.6
0.9
1.2
1.5
SNR (dB)
SFDR (dBc)
Figure 43. SNR/SFDR vs. Common-Mode Voltage,
fIN = 2.3 MHz, AD9212-40
SNR (dB)
SFDR (dBc)
ANALOG INPUT COMMON-MODE VOLTAGE (V)
50
55
70
75
60
65
80
85
90
0.3
0.6
0.9
1.2
1.5
Figure 44. SNR/SFDR vs. Common-Mode Voltage,
fIN = 19.7 MHz, AD9212-40
SNR
SFDR
ANALOG INPUT COMMON-MODE VOLTAGE (V)
50
55
70
75
60
65
80
85
90
0.3
0.6
0.9
1.2
1.5
Figure 45. SNR/SFDR vs. Common-Mode Voltage,
fIN = 2.3 MHz, AD9212-65
SNR
SFDR
ANALOG INPUT COMMON-MODE VOLTAGE (V)
50
55
70
75
60
65
80
85
90
0.3
0.6
0.9
1.2
1.5
Figure 46. SNR/SFDR vs. Common-Mode Voltage,
fIN = 35 MHz, AD9212-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com