Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9226AST Datasheet(PDF) 6 Page - Analog Devices

Part # AD9226AST
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 2Page - Analog Devices AD9226AST Datasheet HTML 3Page - Analog Devices AD9226AST Datasheet HTML 4Page - Analog Devices AD9226AST Datasheet HTML 5Page - Analog Devices AD9226AST Datasheet HTML 6Page - Analog Devices AD9226AST Datasheet HTML 7Page - Analog Devices AD9226AST Datasheet HTML 8Page - Analog Devices AD9226AST Datasheet HTML 9Page - Analog Devices AD9226AST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. B
AD9226
–6–
48-PIN FUNCTION DESCRIPTIONS
Pin
Number
Name
Description
1, 2, 32, 33 AVSS
Analog Ground
3, 4, 31, 34 AVDD
5 V Analog Supply
5, 6, 8, 10, NC
No Connect
11, 44
7
CLK
Clock Input Pin
9
OEB
Output Enable (Active Low)
12
BIT 12
Least Significant Data Bit (LSB)
13
BIT 11
Data Output Bit
14, 22, 30
DRVSS
Digital Output Driver Ground
15, 23, 29
DRVDD
3 V to 5 V Digital Output
Driver Supply
16–21,
BITS 10–5,
Data Output Bits
24–26
BITS 4–2
27
BIT 1
Most Significant Data Bit (MSB)
28
OTR
Out of Range
35
MODE2
Data Format Select
36
SENSE
Reference Select
37
VREF
Reference In/Out
38
REFCOM
Reference Common
(AVSS)
39, 40
CAPB
Noise Reduction Pin
41, 42
CAPT
Noise Reduction Pin
43
MODE1
Clock Stabilizer
45
CM LEVEL
Midsupply Reference
46
VINA
Analog Input Pin (+)
47
VINB
Analog Input Pin (–)
48
VR
Noise Reduction Pin
PIN CONNECTION
28-Lead SSOP
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9226
OTR
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
CLK
(LSB) BIT 12
BIT 11
BIT 10
BIT 7
BIT 8
BIT 9
AVDD
AVSS
SENSE
VREF
REFCOM (AVSS)
CAPB
CAPT
DRVDD
DRVSS
AVDD
AVSS
MODE
VINA
VINB
PIN CONNECTION
48-Lead LQFP
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SENSE
MODE2
AVDD
AVSS
AVSS
AVDD
DRVSS
AVSS
AVSS
AVDD
AVDD
NC
NC
CLK
NC = NO CONNECT
NC
OEB
NC
NC
DRVDD
OTR
BIT 1 (MSB)
BIT 2
AD9226
(LSB) BIT 12
BIT 3
28-PIN FUNCTION DESCRIPTIONS
Pin
Number
Name
Description
1
CLK
Clock Input Pin
2
BIT 12
Least Significant Data Bit (LSB)
3–12
BITS 11–2
Data Output Bits
13
BIT 1
Most Significant Data Bit (MSB)
14
OTR
Out of Range
15, 26
AVDD
5 V Analog Supply
16, 25
AVSS
Analog Ground
17
SENSE
Reference Select
18
VREF
Input Span Select (Reference I/O)
19
REFCOM
Reference Common
(AVSS)
20
CAPB
Noise Reduction Pin
21
CAPT
Noise Reduction Pin
22
MODE
Data Format Select /Clock Stabilizer
23
VINA
Analog Input Pin (+)
24
VINB
Analog Input Pin (–)
27
DRVSS
Digital Output Driver Ground
28
DRVDD
3 V to 5 V Digital Output
Driver Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com