Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9734BBC Datasheet(PDF) 31 Page - Analog Devices

Part # AD9734BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBC Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9734BBC Datasheet HTML 27Page - Analog Devices AD9734BBC Datasheet HTML 28Page - Analog Devices AD9734BBC Datasheet HTML 29Page - Analog Devices AD9734BBC Datasheet HTML 30Page - Analog Devices AD9734BBC Datasheet HTML 31Page - Analog Devices AD9734BBC Datasheet HTML 32Page - Analog Devices AD9734BBC Datasheet HTML 33Page - Analog Devices AD9734BBC Datasheet HTML 34Page - Analog Devices AD9734BBC Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 31 of 72
FULL SCALE CURRENT (FSC) REGISTERS (REG. 2, REG. 3)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x02
FSC_1
SLEEP
–
–
–
–
–
FSC<9>
FSC<8>
0x03
FSC_2
FSC<7>
FSC<6>
FSC<5>
FSC<4>
FSC<3>
FSC<2>
FSC<1>
FSC<0>
Table 12. Full Scale Current Output Register Bit Descriptions
Bit Name
Read/Write
Description
SLEEP
WRITE
0, enable DAC output.
1, set DAC output current to 0 mA.
FSC<9:0>
WRITE
0x000, 10 mA full-scale output current.
0x200, 20 mA full-scale output current.
0x3FF, 30 mA full-scale output current.
LVDS CONTROLLER (LVDS_CNT) REGISTERS (REG. 4, REG. 5, REG. 6)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x04
LVDS_CNT1
MSD<3>
MSD<2>
MSD<1>
MSD<0>
MHD<3>
MHD<2>
MHD<1>
MHD<0>
0x05
LVDS_CNT2
SD<3>
SD<2>
SD<1>
SD<0>
LCHANGE
ERR_HI
ERR_LO
CHECK
0x06
LVDS_CNT3
LSURV
LAUTO
LFLT<3>
LFLT<2>
LFLT<1>
LFLT<0>
LTRH<1>
LTRH<0>
Table 13. LVDS Controller Register Bit Descriptions
Bit Name
Read/Write
Description
MSD<3:0>
WRITE
0x0, set setup delay for the measurement system.
READ
If ( LAUTO = 1), the latest measured value for the setup delay.
If ( LAUTO = 0), readback of the last SPI write to this bit.
MHD<3:0>
WRITE
0x0, set hold delay for the measurement system.
READ
If ( LAUTO = 1), the latest measured value for the hold delay.
If ( LAUTO = 0), readback of the last SPI write to this bit.
SD<3:0>
WRITE
0x0, set sample delay.
READ
If ( LAUTO = 1), the result of a measurement cycle is stored in this register.
If ( LAUTO = 0), readback of the last SPI write to this bit.
LCHANGE
READ
0, no change from previous measurement.
1, change in value from the previous measurement.
NOTE: The average filter and the threshold detection are not applied to this bit.
ERR_HI
READ
One of the 15 LVDS inputs is above the input voltage limits of the IEEE reduced link specification.
ERR_LO
READ
One of the 15 LVDS inputs is below the input voltage limits of the IEEE reduced link specification.
CHECK
READ
0, phase measurement—sampling in the previous or following DATA cycle.
1, phase measurement—sampling in the correct DATA cycle.
LSURV
WRITE
0, the controller stops after completion of the current measurement cycle.
1, continuous measurements are taken and an interrupt is issued if the clock alignment drifts beyond the
threshold value.
LAUTO
WRITE
0, sample delay is not automatically updated.
1, continuously starts measurement cycles and updates the sample delay according to the measurement.
NOTE: LSURV (Reg. 6, Bit 7) must be set to 1 and the LVDS IRQ (Reg. 1, Bit 3) must be set to 0 for AUTO mode.
LFLT<3:0>
WRITE
0x0, average filter length, Delay = Delay + Delta Delay/2^ LFLT <3:0>, values greater than 12 (0x0C) are
clipped to 12.
LTRH<2:0>
WRITE
000, set auto update threshold values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com