Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9734BBCRL Datasheet(PDF) 20 Page - Analog Devices

Part # AD9734BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBCRL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9734BBCRL Datasheet HTML 16Page - Analog Devices AD9734BBCRL Datasheet HTML 17Page - Analog Devices AD9734BBCRL Datasheet HTML 18Page - Analog Devices AD9734BBCRL Datasheet HTML 19Page - Analog Devices AD9734BBCRL Datasheet HTML 20Page - Analog Devices AD9734BBCRL Datasheet HTML 21Page - Analog Devices AD9734BBCRL Datasheet HTML 22Page - Analog Devices AD9734BBCRL Datasheet HTML 23Page - Analog Devices AD9734BBCRL Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 20 of 72
AD9736 STATIC LINEARITY, 30 mA FULL SCALE
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 21. AD9736 INL, −40°C, 30 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 22. AD9736 INL, 25°C, 30 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
2.0
1.5
1.0
0.5
0
0
0
0
–0.5
–0.5
–1.0
–1.0
–1.5
–1.5
–2.0
Figure 23. AD9736 INL, 85°C, 30 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
0.6
0.3
0.4
0.5
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
Figure 24. AD9736 DNL, −40°C, 30 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
0.6
0.3
0.4
0.5
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
Figure 25. AD9736 DNL, 25°C, 30 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.0
0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
Figure 26. AD9736 DNL, 85°C, 30 mA FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com