Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASVZ1 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9852ASVZ1
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASVZ1 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9852ASVZ1 Datasheet HTML 17Page - Analog Devices AD9852ASVZ1 Datasheet HTML 18Page - Analog Devices AD9852ASVZ1 Datasheet HTML 19Page - Analog Devices AD9852ASVZ1 Datasheet HTML 20Page - Analog Devices AD9852ASVZ1 Datasheet HTML 21Page - Analog Devices AD9852ASVZ1 Datasheet HTML 22Page - Analog Devices AD9852ASVZ1 Datasheet HTML 23Page - Analog Devices AD9852ASVZ1 Datasheet HTML 24Page - Analog Devices AD9852ASVZ1 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AD9852
Rev. E | Page 21 of 52
Figure 36. The ramp rate clock determines the amount of time
spent at each intermediate frequency between F1 and F2.
The counter stops automatically when the destination
frequency is achieved. The dwell time spent at F1 and F2 is
determined by the duration that the FSK input (Pin 29) is held
high or low after the destination frequency has been reached.
Parallel Register Address 10 hex to Parallel Register Address 15 hex
comprise the 48-bit, twos complement delta frequency word
registers. This 48-bit word is accumulated (added to the
accumulator’s output) every time it receives a clock pulse from
the ramp rate counter. The output of this accumulator is added
to or subtracted from the F1 or F2 frequency word, which is
then fed into the input of the 48-bit phase accumulator that
forms the numerical phase steps for the sine and cosine wave
outputs. In this fashion, the output frequency is ramped up and
down in frequency according to the logic state of Pin 29. This
ramping rate is a function of the 20-bit ramp rate clock. When
the destination frequency is achieved, the ramp rate clock is
stopped, halting the frequency accumulation process.
Generally speaking, the delta frequency word is a much smaller
value compared with the value of the F1 or F2 tuning word. For
example, if F1 and F2 are 1 kHz apart at 13 MHz, the delta
frequency word might be only 25 Hz.
Figure 39 shows that premature toggling causes the ramp to
immediately reverse itself and proceed at the same rate and
resolution until the original frequency is reached.
The control register contains a triangle bit at Parallel Register
Address 1F hex. Setting this bit high in Mode 010 causes an
automatic ramp-up and ramp-down between F1 and F2 to
occur without toggling Pin 29 (shown in Figure 37). In fact, the
logic state of Pin 29 has no effect once the triangle bit is set
high. This function uses the ramp rate clock time period and
the step size of the delta frequency word to form a continuously
sweeping linear ramp from F1 to F2 and back to F1 with equal
dwell times at every frequency. Use this function to automatically
sweep between any two frequencies from dc to Nyquist.
In the ramped FSK mode with the triangle bit set high, an
automatic frequency sweep begins at either F1 or F2, according
to the logic level on Pin 29 (FSK input pin) when the triangle
bit’s rising edge occurs, as shown in Figure 38. If the FSK data
bit is high instead of low, F2, rather than F1, is chosen as the
start frequency.
FREQUENCY
TUNING
WORD 2
FREQUENCY
TUNING
WORD 1
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA
FREQUENCY
WORD (TWOS
COMPLEMENT)
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
INSTANTANEOUS
PHASE OUT
ADDER
FSK (PIN 29)
SYSTEM
CLOCK
Figure 36. Block Diagram of Ramped FSK Function
F1
F2
0
FREQUENCY
MODE
TW1
TW2
FSK DATA
TRIANGLE BIT
010 (RAMPED FSK)
F1
F2
I/O UD CLK
Figure 37. Effect of Triangle Bit in Ramped FSK Mode
F2
F1
0
FREQUENCY
MODE
TW1
TW2
FSK DATA
TRIANGLE BIT
000 (DEFAULT)
0
0
010 (RAMPED FSK)
F1
F2
Figure 38. Automatic Linear Ramping Using the Triangle Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com