Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9735BBC Datasheet(PDF) 27 Page - Analog Devices

Part # AD9735BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735BBC Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9735BBC Datasheet HTML 23Page - Analog Devices AD9735BBC Datasheet HTML 24Page - Analog Devices AD9735BBC Datasheet HTML 25Page - Analog Devices AD9735BBC Datasheet HTML 26Page - Analog Devices AD9735BBC Datasheet HTML 27Page - Analog Devices AD9735BBC Datasheet HTML 28Page - Analog Devices AD9735BBC Datasheet HTML 29Page - Analog Devices AD9735BBC Datasheet HTML 30Page - Analog Devices AD9735BBC Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 27 of 72
AD9735, AD9734 DYNAMIC PERFORMANCE, 20 mA FULL SCALE
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
80
75
70
65
60
55
50
800MSPS
1GSPS
1.2GSPS
Figure 59. AD9735 SFDR vs. fOUT over fDAC, 1.2 GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
80
75
70
65
60
55
50
800MSPS
1GSPS
1.2GSPS
Figure 60. AD9734 SFDR vs. fOUT over fDAC, 1.2 GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
90
85
80
75
70
65
60
55
50
800MSPS
1GSPS
1.2GSPS
Figure 61. AD9735 IMD vs. fOUT over fDAC, 1.2 GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
90
85
80
75
70
65
60
55
50
800MSPS
1GSPS
1.2GSPS
Figure 62. AD9734 IMD vs. fOUT over fDAC, 1.2 GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
–150
–152
–154
–156
–158
–160
–162
–164
–166
–168
–170
1 TONE
8 TONES
Figure 63. AD9735 NSD vs. fOUT, 1.2 GSPS
fOUT (MHz)
600
0
50
100 150 200 250 300 350 400 450 500 550
–149
–147
–145
–151
–153
–155
–157
–159
–161
–163
–165
1 TONE
8 TONES
Figure 64. AD9734 NSD vs. fOUT, 1.2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com