Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765AST Datasheet(PDF) 25 Page - Analog Devices

Part # AD9765AST
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765AST Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9765AST Datasheet HTML 21Page - Analog Devices AD9765AST Datasheet HTML 22Page - Analog Devices AD9765AST Datasheet HTML 23Page - Analog Devices AD9765AST Datasheet HTML 24Page - Analog Devices AD9765AST Datasheet HTML 25Page - Analog Devices AD9765AST Datasheet HTML 26Page - Analog Devices AD9765AST Datasheet HTML 27Page - Analog Devices AD9765AST Datasheet HTML 28Page - Analog Devices AD9765AST Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 25 of 44
Interleaved Mode Timing
When the MODE pin is at Logic 0, the AD9763/AD9765/AD9767
operate in interleaved mode (refer to Figure 61). In addition,
WRT1 functions as IQWRT, CLK1 functions as IQCLK, WRT2
functions as IQSEL, and CLK2 functions as IQRESET.
Data enters the device on the rising edge of IQWRT. The logic level
of IQSEL steers the data to either Channel Latch 1 (IQSEL = 1) or
to Channel Latch 2 (IQSEL = 0). For proper operation, IQSEL
must change state only when IQWRT and IQCLK are low.
When IQRESET is high, IQCLK is disabled. When IQRESET
goes low, the next rising edge on IQCLK updates both DAC
latches with the data present at their inputs. In the interleaved
mode, IQCLK is divided by 2 internally. Following this first
rising edge, the DAC latches are only updated on every other
rising edge of IQCLK. In this way, IQRESET can be used to
synchronize the routing of the data to the DACs.
Similar to the order of CLK and WRT in dual-port mode,
IQCLK must occur before or simultaneously with IQWRT.
Timing specifications for interleaved mode are shown in Figure 64
and Figure 66.
The digital inputs are CMOS compatible with logic thresholds,
VTHRESHOLD, set to approximately half the digital positive supply
(DVDDx), or
VTHRESHOLD = DVDDx/2(±20%)
DATA IN
IQSEL
IQWRT
IQCLK
IOUTA
OR
IOUTB
*APPLIES TO FALLING EDGE OF IQCLK/IQWRT AND IQSEL ONLY.
500 ps
500 ps
tS
tH
tPD
tLPW
tH*
Figure 64. 5 V or 3.3 V Interleaved Mode Timing
At 5 V it is permissible to drive IQWRT and IQCLK together as
shown in Figure 65, but at 3.3 V the interleaved data transfer is
not reliable.
DATA IN
IQSEL
IQWRT
IQCLK
IOUTA
OR
IOUTB
*APPLIES TO FALLING EDGE OF IQCLK/IQWRT AND IQSEL ONLY.
tH*
tS
tH
tPD
tLPW
Figure 65. 5 V Only Interleaved Mode Timing
IQSEL
IQWRT
IQCLK
IQRESET
xx
xx
D1
D2
D3
D4
xx
D1
D2
D3
D4
D5
INTERLEAVED
DATA
DAC OUTPUT
PORT 1
DAC OUTPUT
PORT 2
Figure 66. Interleaved Mode Timing
The internal digital circuitry of the AD9763/AD9765/AD9767
is capable of operating at a digital supply of 3.3 V or 5 V. As a
result, the digital inputs can also accommodate TTL levels when
DVDD1/DVDD2 is set to accommodate the maximum high
level voltage (VOH(MAX)) of the TTL drivers. A DVDD1/DVDD2
of 3.3 V typically ensures proper compatibility with bipolar TTL
logic families. Figure 67 shows the equivalent digital input
circuit for the data and clock inputs. The sleep mode input is
similar, with the exception that it contains an active pull-down
circuit, thus ensuring that the AD9763/AD9765/AD9767
remains enabled if this input is left disconnected.
DIGITAL
INPUT
DVDD1
Figure 67. Equivalent Digital Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com