Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765-EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9765-EBZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765-EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9765-EBZ Datasheet HTML 22Page - Analog Devices AD9765-EBZ Datasheet HTML 23Page - Analog Devices AD9765-EBZ Datasheet HTML 24Page - Analog Devices AD9765-EBZ Datasheet HTML 25Page - Analog Devices AD9765-EBZ Datasheet HTML 26Page - Analog Devices AD9765-EBZ Datasheet HTML 27Page - Analog Devices AD9765-EBZ Datasheet HTML 28Page - Analog Devices AD9765-EBZ Datasheet HTML 29Page - Analog Devices AD9765-EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 26 of 44
Because the AD9763/AD9765/AD9767 is capable of being clocked
up to 125 MSPS, the quality of the clock and data input signals
are important in achieving the optimum performance. Operating
the AD9763/AD9765/AD9767 with reduced logic swings and a
corresponding digital supply (DVDD1/DVDD2) results in the
lowest data feedthrough and on-chip digital noise. The drivers of
the digital data interface circuitry should be specified to meet the
minimum setup and hold times of the AD9763/AD9765/AD9767
as well as its required minimum and maximum input logic level
thresholds.
Digital signal paths should be kept short, and run lengths should be
matched to avoid propagation delay mismatch. The insertion
of a low value (that is, 20 Ω to 100 Ω) resistor network between
the AD9763/AD9765/AD9767 digital inputs and driver outputs
can be helpful in reducing any overshooting and ringing at the
digital inputs that contribute to digital feedthrough. For longer
board traces and high data update rates, stripline techniques
with proper impedance and termination resistors should be
considered to maintain “clean” digital inputs.
The external clock driver circuitry provides the AD9763/AD9765/
AD9767 with a low-jitter clock input meeting the minimum
and maximum logic levels while providing fast edges. Fast clock
edges help minimize jitter manifesting itself as phase noise on a
reconstructed waveform. Therefore, the clock input should be
driven by the fastest logic family suitable for the application.
Note that the clock input can also be driven via a sine wave, which
is centered around the digital threshold (that is, DVDDx/2) and
meets the minimum and maximum logic threshold. This
typically results in a slight degradation in the phase noise, which
becomes more noticeable at higher sampling rates and output
frequencies. In addition, at higher sampling rates, the 20%
tolerance of the digital logic threshold should be considered,
because it affects the effective clock duty cycle and,
subsequently, cuts into the required data setup and hold times.
Input Clock and Data Timing Relationship
SNR in a DAC is dependent on the relationship between the
position of the clock edges and the point in time at which the
input data changes. The AD9763/AD9765/AD9767 are rising
edge triggered and therefore exhibit SNR sensitivity when the
data transition is close to this edge. The goal when applying the
AD9763/AD9765/AD9767 is to make the data transition close
to the falling clock edge. This becomes more important as the
sample rate increases. Figure 68 shows the relationship of SNR
to clock placement with different sample rates. Note that at the
lower sample rates, much more tolerance is allowed in clock
placement; much more care must be taken at higher rates.
80
70
60
50
40
30
20
10
0
–4
–3
–2
–1
0
1
2
3
4
TIME OF DATA CHANGE RELATIVE TO
RISING CLOCK EDGE (ns)
AD9763
AD9765
AD9767
Figure 68. SNR vs. Clock Placement @ fOUT = 20 MHz and fCLK = 125 MSPS
SLEEP MODE OPERATION
The AD9763/AD9765/AD9767 has a power-down function that
turns off the output current and reduces the supply current to less
than 8.5 mA over the specified supply range of 3.3 V to 5 V and
over the full operating temperature range. This mode can be
activated by applying a Logic Level 1 to the SLEEP pin. The
SLEEP pin logic threshold is equal to 0.5 × AVDD. This digital
input also contains an active pull-down circuit that ensures the
AD9763/AD9765/AD9767 remains enabled if this input is left
disconnected. The AD9763/AD9765/AD9767 require less than
50 ns to power down and approximately 5 μs to power back up.
POWER DISSIPATION
The power dissipation (PD) of the AD9763/AD9765/AD9767 is
dependent on several factors, including
•
the power supply voltages (AVDD and DVDD1/DVDD2)
•
the full-scale current output (IOUTFS)
•
the update rate (fCLK)
•
the reconstructed digital input waveform
The power dissipation is directly proportional to the analog
supply current (IAVDD) and the digital supply current (IDVDD).
IAVDD is directly proportional to IOUTFS, as shown in Figure 69,
and is insensitive to fCLK.
Conversely, IDVDD is dependent on the digital input waveform,
the fCLK, and the digital supply (DVDD1/DVDD2). Figure 70
and Figure 71 show IDVDD as a function of full-scale sine wave
output ratios (fOUT/fCLK) for various update rates with DVDD1 =
DVDD2 = 5 V and DVDD1 = DVDD2 = 3.3 V, respectively. Note
that IDVDD is reduced by more than a factor of 2 when
DVDD1/DVDD2 is reduced from 5 V to 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com