Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBCRL Datasheet(PDF) 49 Page - Analog Devices

Part # AD9736BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCRL Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9736BBCRL Datasheet HTML 45Page - Analog Devices AD9736BBCRL Datasheet HTML 46Page - Analog Devices AD9736BBCRL Datasheet HTML 47Page - Analog Devices AD9736BBCRL Datasheet HTML 48Page - Analog Devices AD9736BBCRL Datasheet HTML 49Page - Analog Devices AD9736BBCRL Datasheet HTML 50Page - Analog Devices AD9736BBCRL Datasheet HTML 51Page - Analog Devices AD9736BBCRL Datasheet HTML 52Page - Analog Devices AD9736BBCRL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 49 of 72
The full-scale output current range is approximately 10 mA to
30 mA for register values from 0x000 to 0x3FF. The default
value of 0x200 generates 20 mA full scale. The typical range is
shown in Figure 89.
35
30
25
20
15
10
5
0
0
200
400
600
800
DAC GAIN CODE
1000
Figure 89. IFS vs. DAC Gain Code
Always connect a 10 kΩ resistor from the I120 pin to ground
and use the digital controls to vary the full-scale current. The
AD973x is not a multiplying DAC. Applying an analog signal to
I120 is not supported.
VREF (Pin C14) must be bypassed to ground with a 1 nF
capacitor. The band gap voltage is present on this pin and can
be buffered for use in external circuitry. The typical output
impedance is near 5 kΩ. If desired, an external reference can be
used to overdrive the internal reference by connecting it to the
VREF pin.
IPTAT (Pin D14) is used for factory testing. Leave this pin
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com