Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSW13 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSW13
Description  One Watt Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW13 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSW13 Datasheet HTML 1Page - Motorola, Inc MPSW13 Datasheet HTML 2Page - Motorola, Inc MPSW13 Datasheet HTML 3Page - Motorola, Inc MPSW13 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW13 MPSW14
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
1.0
5.0
0.5
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.8
0.6
0.2
VR, REVERSE VOLTAGE (VOLTS)
0.04
10
20
7.0
5.0
2.0
2.0
10
500
20
4.0
0.1
40
1.0
3.0
TJ = 25°C
Cobo
Cibo
VCE = 5.0 V
TJ = 25°C
f = 100 MHz
100
500
IC, COLLECTOR CURRENT (mA)
0.6
1.6
1.4
1.2
1.0
0.8
IC, COLLECTOR CURRENT (mA)
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
200
5.0
10
20
50
TJ = 25°C
100
500
5.0
200
7.0 10
20
50
qVB FOR VBE
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = 5.0 V
Figure 4. “ON” Voltages
Figure 5. Temperature Coefficients
Figure 6. High Frequency Current Gain
Figure 7. Capacitance
VBE(sat) @ IC/IB = 1000
7.0
300
30
70
300
30
70
*qVC FOR VCE(sat)
25
°C TO 125°C
–55
°C TO 25°C
25
°C TO 125°C
–55
°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
0.2
0.4
2.0
4.0
20
10
0.4
50
100
200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com