Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARSZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7763ARSZ
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARSZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7763ARSZ Datasheet HTML 39Page - Analog Devices ADE7763ARSZ Datasheet HTML 40Page - Analog Devices ADE7763ARSZ Datasheet HTML 41Page - Analog Devices ADE7763ARSZ Datasheet HTML 42Page - Analog Devices ADE7763ARSZ Datasheet HTML 43Page - Analog Devices ADE7763ARSZ Datasheet HTML 44Page - Analog Devices ADE7763ARSZ Datasheet HTML 45Page - Analog Devices ADE7763ARSZ Datasheet HTML 46Page - Analog Devices ADE7763ARSZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Data Sheet
ADE7763
Rev. C | Page 43 of 56
Voltage rms compensation is done after the square root.
VRMS = VRMS0 + VRMSOS
(60)
where:
VRMS0 is the rms measurement without offset correction.
VRMS is linear from full-scale to full-scale/20.
To calibrate the offset, two VRMS measurements are required,
for example, at Vnominal and Vnominal/10. Vnominal is set at half of the
full-scale analog input range so that the smallest linear VRMS
reading is at Vnominal/10.
VRMSOS =
1
2
2
2
1
V
V
VRMS
V
VRMS
V
−
×
−
×
1
(61)
where VRMS1 and VRMS2 are rms register values without offset
correction for input V1 and V2, respectively.
If the range of the 12-bit, twos complement VRMSOS register is
not enough, use the voltage channel offset register, CH2OS, to
correct the VRMS offset.
Current rms compensation is performed before the square root:
IRMS2 = IRMS02 + 32768 × IRMSOS
(62)
where IRMS0 is the rms measurement without offset correction.
The current rms calculation is linear from full scale to full
scale/100.
To calibrate this offset, two IRMS measurements are required,
for example, at Ib and IMAX/50. IMAX is set at half of the full-scale
analog input range so that the smallest linear IRMS reading is at
IMAX/50.
IRMSOS =
2
1
2
2
2
1
2
2
2
2
2
1
I
I
IRMS
I
IRMS
I
−
×
−
×
×
32768
1
(63)
where IRMS1 and IRMS2 are rms register values without offset
correction for input I1 and I2, respectively.
Apparent Energy
Apparent energy gain calibration is provided for both meter-to-
meter gain adjustment and for setting the VAh/LSB constant.
VAENERGY =
 +
×
×
12
2
1
1
VAGAIN
VADIV
VAENERGYinitial
(64)
VADIV is similar to the CFDEN for the watt-hour calibration. It
should be the same across all meters and determines the VAh/LSB
constant. VAGAIN is used to calibrate individual meters.
Apparent energy gain calibration should be performed before
rms offset correction to make the most efficient use of the current
test points. Apparent energy gain and watt gain compensation
require testing at Ib, while rms and watt offset correction require
a lower test current. Apparent energy gain calibration can be
done simultaneously with the watt-hour gain calibration
using line cycle accumulation. In this case, LAENERGY and
LVAENERGY, the line cycle accumulation apparent energy
registers, are both read following the line cycle accumulation
interrupt. Figure 78 shows a flowchart for calibrating active and
apparent energy simultaneously.
VAGAIN = INT
×
−
12
)
(
)
(
2
1
nominal
IB
expected
IB
LVAENERGY
LVAENERGY
(65)
LVAENERGYIB(expected) =
INT
×
×
×
)
(
s/h
3600
s
time
on
Accumulati
constant
LSB
VAh
I
V
B
nominal
(66)
The accumulation time is determined from Equation 33, and
the line period can be determined from the period register
according to Equation 34. The VAh represented by the
VAENERGY register is
VAh = VAENERGY × VAh/LSB constant
(67)
The VAh/LSB constant can be verified using this equation:
LVAENERGY
s
time
on
Accumulati
VA
constant
LSB
VAh
3600
)
(
×
=
(68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com