Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG406BNZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG406BNZ Datasheet HTML 9Page - Analog Devices ADG406BNZ Datasheet HTML 10Page - Analog Devices ADG406BNZ Datasheet HTML 11Page - Analog Devices ADG406BNZ Datasheet HTML 12Page - Analog Devices ADG406BNZ Datasheet HTML 13Page - Analog Devices ADG406BNZ Datasheet HTML 14Page - Analog Devices ADG406BNZ Datasheet HTML 15Page - Analog Devices ADG406BNZ Datasheet HTML 16Page - Analog Devices ADG406BNZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 13 of 20
100
0.1
100
1k
10k
100k
1M
10M
10
1
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
EN = 2.4V
EN = 0V
Figure 17. Positive Supply Current vs. Switching Frequency
160
60
135
79
11
13
1
100
120
140
80
VIN (V)
5
VDD = +15V
VSS = –15V
tTRANSITION
tON
tOFF
Figure 18. Switching Time vs. VIN (Bipolar Supply)
300
0
±5
±7
±9
±11
±13
±15
±17
±19
±21
200
100
SUPPLY VOLTAGE (V)
VIN = +5V
tTRANSITION
tON
tOFF
Figure 19. Switching Time vs. Bipolar Supply
100
0.0001
100
1k
10k
100k
1M
10M
0.01
0.1
1
10
0.001
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
EN = 2.4V
EN = 0V
Figure 20. Negative Supply Current vs. Switching Frequency
220
80
2468
10
120
140
160
180
200
100
VIN (V)
12
VDD = +12V
VSS =0V
tTRANSITION
tON
tOFF
Figure 21. Switching Time vs. VIN (Single Supply)
500
0
5
7
9
11
13
15
200
300
400
100
SUPPLY VOLTAGE (V)
VIN = +5V
tTRANSITION
tON
tOFF
Figure 22. Switching Time vs. Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com