Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 65 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 65 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 61Page - Microchip Technology ENC28J60 Datasheet HTML 62Page - Microchip Technology ENC28J60 Datasheet HTML 63Page - Microchip Technology ENC28J60 Datasheet HTML 64Page - Microchip Technology ENC28J60 Datasheet HTML 65Page - Microchip Technology ENC28J60 Datasheet HTML 66Page - Microchip Technology ENC28J60 Datasheet HTML 67Page - Microchip Technology ENC28J60 Datasheet HTML 68Page - Microchip Technology ENC28J60 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 65
ENC28J60
REGISTER 12-2:
EIE: ETHERNET INTERRUPT ENABLE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTIE
PKTIE
DMAIE
LINKIE
TXIE
r
TXERIE
RXERIE
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INTIE: Global INT Interrupt Enable bit
1 = Allow interrupt events to drive the INT pin
0 = Disable all INT pin activity (pin is continuously driven high)
bit 6
PKTIE: Receive Packet Pending Interrupt Enable bit
1 = Enable receive packet pending interrupt
0 = Disable receive packet pending interrupt
bit 5
DMAIE: DMA Interrupt Enable bit
1 = Enable DMA interrupt
0 = Disable DMA interrupt
bit 4
LINKIE: Link Status Change Interrupt Enable bit
1 = Enable link change interrupt from the PHY
0 = Disable link change interrupt
bit 3
TXIE: Transmit Enable bit
1 = Enable transmit interrupt
0 = Disable transmit interrupt
bit 2
Reserved: Maintain as ‘0’
bit 1
TXERIE: Transmit Error Interrupt Enable bit
1 = Enable transmit error interrupt
0 = Disable transmit error interrupt
bit 0
RXERIE: Receive Error Interrupt Enable bit
1 = Enable receive error interrupt
0 = Disable receive error interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com