Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H74 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6H74
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H74 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6H74 Datasheet HTML 9Page - Microchip Technology MCP6H74 Datasheet HTML 10Page - Microchip Technology MCP6H74 Datasheet HTML 11Page - Microchip Technology MCP6H74 Datasheet HTML 12Page - Microchip Technology MCP6H74 Datasheet HTML 13Page - Microchip Technology MCP6H74 Datasheet HTML 14Page - Microchip Technology MCP6H74 Datasheet HTML 15Page - Microchip Technology MCP6H74 Datasheet HTML 16Page - Microchip Technology MCP6H74 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 13
MCP6H71/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5 V to +12 V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-37:
Closed-Loop Output
Impedance vs. Frequency.
FIGURE 2-38:
Measured Input Current vs.
Input Voltage (below VSS).
10
100
1000
G
N:
101 V/V
11 V/V
1
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Frequency (Hz)
11 V/V
1 V/V
100
1k
10k
100k
1M
10M
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1m
100μ
10μ
1μ
100n
10n
1n
100
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
1.00E-12
1.00E-11
1.00E-10
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
V
IN (V)
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com