Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H91 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6H91
Description  10 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H91 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6H91 Datasheet HTML 16Page - Microchip Technology MCP6H91 Datasheet HTML 17Page - Microchip Technology MCP6H91 Datasheet HTML 18Page - Microchip Technology MCP6H91 Datasheet HTML 19Page - Microchip Technology MCP6H91 Datasheet HTML 20Page - Microchip Technology MCP6H91 Datasheet HTML 21Page - Microchip Technology MCP6H91 Datasheet HTML 22Page - Microchip Technology MCP6H91 Datasheet HTML 23Page - Microchip Technology MCP6H91 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP6H91/2/4
DS25138B-page 20
 2012 Microchip Technology Inc.
4.7.2
ACTIVE FULL-WAVE RECTIFIER
The MCP6H91/2/4 family of amplifiers can be used in
applications such as an active full-wave rectifier, as
shown in Figure 4-9. The amplifier and feedback loops
in this active voltage rectifier circuit eliminate the diode
drop problem that exists in a passive voltage rectifier.
This circuit behaves as a voltage follower (the output
follows the input) as long as the input signal is more
positive than the reference voltage. If the input signal is
more negative than the reference voltage, however, the
circuit behaves as an inverting amplifier with a
Gain = -1V/V. Therefore, the output voltage will always
be above the reference voltage, regardless of the input
signal. The reference voltage (VREF) is supplied by a
low-impedance source. In single-supply applications,
VREF is typically VDD/2.
FIGURE 4-9:
Active Full-Wave Rectifier.
4.7.3
LOSSY NON-INVERTING
INTEGRATOR
The non-inverting integrator shown in Figure 4-10 is
easy to build. It saves one op amp over the typical
Miller integrator plus inverting amplifier configuration.
The phase accuracy of this integrator depends on the
matching of the input and feedback resistor-capacitor
time constants. RF makes this a lossy integrator (it has
finite gain at DC), and makes this integrator stable by
itself. To ensure proper operation, the op amp Common
mode input voltage must be kept within the allowed
range.
FIGURE 4-10:
Non-Inverting Integrator.
–
+
–
+
VIN
VOUT
VREF
VREF
R
R
R
R/2
R
Op Amp A
Op Amp B
D1
D2
VREF
VREF
time
time
Input
Output
1/2
MCP6H92
1/2
MCP6H92
+
_
C1
C2
R1
R2
VIN
VOUT
RF
V
OUT
V
IN
-------------
1
sR
1C1

--------------------
f
1
2
R
1C1 1
R
F
R
2
------
+


-------------------------------------------
MCP6H91
R
F
R
2
R
1C1
R
2||RF
C
2
=
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com