Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1603T-150I/OS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1603T-150I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603T-150I/OS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1603T-150I/OS Datasheet HTML 9Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 10Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 11Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 12Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 13Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 14Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 15Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 16Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 13
MCP1603/B/L
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source must be decoupled to GND with a 4.7 µF
capacitor.
3.2
Ground Pin (GND)
Ground pin for the device. The loop area of the ground
traces should be kept as minimal as possible.
3.3
Shutdown Control Input Pin
(SHDN)
The SHDN pin is a logic-level input used to enable or
disable the device. A logic high (>45% of VIN) will
enable the regulator output. A logic low (<15% of VIN)
will ensure that the regulator is disabled.
3.4
Feedback / Output Voltage Pin
(VFB/VOUT)
For adjustable output options, connect the center of the
output voltage divider to the VFB/VOUT pin. For fixed-
output voltage options, connect the output directly to
the VFB/VOUT pin.
3.5
Switch Node, Buck Inductor
Connection Pin (LX)
Connect the LX pin directly to the buck inductor. This
pin carries large signal-level current; all connections
should be made as short as possible.
3.6
Exposed Metal Pad (EP)
For the DFN package, connect the Exposed Pad to
GND, with vias into the GND plane. This connection to
the GND plane will aid in heat removal from the
package.
TABLE 3-1:
PIN FUNCTION TABLE
MCP1603/B
TSOT-23
MCP1603L
TSOT-23
MCP1603
2x 3 DFN
Symbol
Description
14
7
VIN
Power Supply Input Voltage Pin
2
2
8
GND
Ground Pin
3
1
3
SHDN
Shutdown Control Input Pin
45
4
VFB/VOUT
Feedback / Output Voltage Pin
53
1
LX
Switch Node, Buck Inductor Connection Pin
—
—
2, 5, 6
NC
No Connect
—
—
Exposed
Pad
EP
For the DFN package, the center exposed pad is a thermal
path to remove heat from the device. Electrically, this pad is
at ground potential and should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com