Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 21 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MGC3130_12 Datasheet HTML 17Page - Microchip Technology MGC3130_12 Datasheet HTML 18Page - Microchip Technology MGC3130_12 Datasheet HTML 19Page - Microchip Technology MGC3130_12 Datasheet HTML 20Page - Microchip Technology MGC3130_12 Datasheet HTML 21Page - Microchip Technology MGC3130_12 Datasheet HTML 22Page - Microchip Technology MGC3130_12 Datasheet HTML 23Page - Microchip Technology MGC3130_12 Datasheet HTML 24Page - Microchip Technology MGC3130_12 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 21
MGC3130
5.0
APPLICATION
ARCHITECTURE(1)
MGC3130 supports two different implementations:
single-zone design and dual-zone design.
5.1
Single-Zone Design
The standard MGC3130 implementation is a single-
zone design. This configuration is based on one
MGC3130 connected to an application host. The
interface can be either configured as I2C master, I2C
slave, SPI master or SPI slave, depending on the
overall system design (see Figure 5-1).
Data reporting and flow-control scenarios are
described below for either I2C or SPI configurations:
• If MGC3130 is I2C or SPI slave and the host is I2C
or SPI master:
- Host interface is I2C0
- EIO0 is toggled indicating that new data is
available
• If MGC3130 is I2C or SPI master and the host is
I2C or SPI slave:
- Data is sent to the host automatically when
ready
- Data is sent on an EIO toggle of the host
system
FIGURE 5-1:
SINGLE-ZONE DESIGN
5.2
Dual-Zone Design
In addition to a single-zone design, the MGC3130’s 4-pin
digital interface also allows dual-zone designs by adding
a second MGC3130, as shown in Figure 5-2. A dual-zone
design allows detection of users hand motion in two
independent zones (e.g., one for each hand) to expand
user input options. In such a configuration, one MGC3130
acts as the dual-zone master device and the second acts
as dual-zone slave device. The communication data flow
is as follows: Position tracking data and recognized
gestures from the dual-zone slave is transferred to the
host via the MGC3130 dual-zone master.
FIGURE 5-2:
DUAL-ZONE DESIGN
Note 1: Currently, only single-zone I2C™ Slave
mode is supported. Other modes are
planned for future releases of GestIC®
Library. Please contact your Microchip
representative for further details.
MGC3130
Single Zone
I
2CTM0
I
2CTM
GPIO
EIO0
Host
Note 1: Currently, only single-zone I2C™ Slave
mode is supported. Other modes are
planned for future releases of GestIC®
Library. Please contact your Microchip
representative for further details.
MGC3130
Dual Zone
Master
I
2CTM0
I2CTM
GPIO
EIO0
Host
EIO2
I
2CTM1
MGC3130
Dual Zone
Slave
I
2CTM0
EIO0
EIO3
EIO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com