Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-I/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2515-I/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2515-I/ML Datasheet HTML 14Page - Microchip Technology MCP2515-I/ML Datasheet HTML 15Page - Microchip Technology MCP2515-I/ML Datasheet HTML 16Page - Microchip Technology MCP2515-I/ML Datasheet HTML 17Page - Microchip Technology MCP2515-I/ML Datasheet HTML 18Page - Microchip Technology MCP2515-I/ML Datasheet HTML 19Page - Microchip Technology MCP2515-I/ML Datasheet HTML 20Page - Microchip Technology MCP2515-I/ML Datasheet HTML 21Page - Microchip Technology MCP2515-I/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
MCP2515
DS21801G-page 18
 2003-2012 Microchip Technology Inc.
REGISTER 3-1:
TXBnCTRL – TRANSMIT BUFFER n CONTROL REGISTER
(ADDRESS: 30h, 40h, 50h)
U-0
R-0
R-0
R-0
R/W-0
U-0
R/W-0
R/W-0
—
ABTF
MLOA
TXERR
TXREQ
—
TXP1
TXP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ABTF: Message Aborted Flag bit
1
= Message was aborted
0
= Message completed transmission successfully
bit 5
MLOA: Message Lost Arbitration bit
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 4
TXERR: Transmission Error Detected bit
1
= A bus error occurred while the message was being transmitted
0
= No bus error occurred while the message was being transmitted
bit 3
TXREQ: Message Transmit Request bit
1
= Buffer is currently pending transmission
(MCU sets this bit to request message be transmitted - bit is automatically cleared when
the message is sent)
0
= Buffer is not currently pending transmission
(MCU can clear this bit to request a message abort)
bit 2
Unimplemented: Read as ‘0’
bit 1-0
TXP<1:0>: Transmit Buffer Priority bits
11
= Highest Message Priority
10
= High Intermediate Message Priority
01
= Low Intermediate Message Priority
00
= Lowest Message Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com