Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1840 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC12F1840
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1840 Datasheet(HTML) 2 Page - Microchip Technology

  PIC12F1840 Datasheet HTML 1Page - Microchip Technology PIC12F1840 Datasheet HTML 2Page - Microchip Technology PIC12F1840 Datasheet HTML 3Page - Microchip Technology PIC12F1840 Datasheet HTML 4Page - Microchip Technology PIC12F1840 Datasheet HTML 5Page - Microchip Technology PIC12F1840 Datasheet HTML 6Page - Microchip Technology PIC12F1840 Datasheet HTML 7Page - Microchip Technology PIC12F1840 Datasheet HTML 8Page - Microchip Technology PIC12F1840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 410 page
background image
PIC12(L)F1840
DS41441C-page 2
 2011-2012 Microchip Technology Inc.
Peripheral Features (Continued):
• Data Signal Modulator module:
- Selectable modulator and carrier sources
•SR Latch:
- Multiple Set/Reset input options
- Emulates 555 Timer applications
PIC12(L)F1822/1840/PIC16(L)F182X/1847 Family Types
Device
PIC12(L)F1822
(1)
2K
256
128
6
4
4
1
2/1
1
1
0/1/0
Y
I/H
Y
PIC12(L)F1840
(2)
4K
256
256
6
4
4
1
2/1
1
1
0/1/0
Y
I/H
Y
PIC16(L)F1823
(1)
2K
256
128
12
8
8
2
2/1
1
1
1/0/0
Y
I/H
Y
PIC16(L)F1824
(3)
4K
256
256
12
8
8
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1825
(4)
8K
256
1024 12
8
8
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1826
(5)
2K
256
256
16
12
12
2
2/1
1
1
1/0/0
Y
I/H
Y
PIC16(L)F1827
(5)
4K
256
384
16
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
PIC16(L)F1828
(3)
4K
256
256
18
12
12
2
4/1
1
1
1/1/2
Y
I/H
Y
PIC16(L)F1829
(4)
8K
256
1024 18
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
PIC16(L)F1847
(6)
8K
256
1024 16
12
12
2
4/1
1
2
1/1/2
Y
I/H
Y
Note 1: I - Debugging, Integrated on Chip; H - Debugging, available using Debug Header.
2: One pin is input-only.
Data Sheet Index: (Unshaded devices are described in this document.)
1: DS41413
PIC12(L)F1822/PIC16(L)F1823 Data Sheet, 8/14-Pin Flash Microcontrollers.
2: DS41441
PIC12(L)F1840 Data Sheet, 8-Pin Flash Microcontrollers.
3: DS41419
PIC16(L)F1824/1828 Data Sheet, 28/40/44-Pin Flash Microcontrollers.
4: DS41440
PIC16(L)F1825/1829 Data Sheet, 14/20-Pin Flash Microcontrollers.
5: DS41391
PIC16(L)F1826/1827 Data Sheet, 18/20/28-Pin Flash Microcontrollers.
6: DS41453
PIC16(L)F1847 Data Sheet, 18/20/28-Pin Flash Microcontrollers.
Note:
For other small form-factor package availibility and marking information, please visit
http://www.microchip.com/packaging or contact your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com