Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM660ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM660ARZ
Description  CMOS Switched-Capacitor Voltage Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660ARZ Datasheet(HTML) 5 Page - Analog Devices

  ADM660ARZ Datasheet HTML 1Page - Analog Devices ADM660ARZ Datasheet HTML 2Page - Analog Devices ADM660ARZ Datasheet HTML 3Page - Analog Devices ADM660ARZ Datasheet HTML 4Page - Analog Devices ADM660ARZ Datasheet HTML 5Page - Analog Devices ADM660ARZ Datasheet HTML 6Page - Analog Devices ADM660ARZ Datasheet HTML 7Page - Analog Devices ADM660ARZ Datasheet HTML 8Page - Analog Devices ADM660ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
Typical Performance Characteristics–ADM660/ADM8660
–5–
SUPPLY VOLTAGE – Volts
0
1.5
7
.5
3.5
5.5
2.5
1.5
3.0
2.0
1.0
0.5
VOLTAGE DOUBLER
LV = OUT
LV = GND
LV = OPEN
TPC 1. Power Supply Current vs. Voltage
LOAD CURRENT – mA
–4.2
–3.0
–5.0
–3.8
–4.6
–3.4
0
100
20
40
60
80
100
40
0
60
20
80
EFFICIENCY
VOUT
TPC 2. Output Voltage and Efficiency vs. Load Current
LOAD CURRENT – mA
1.6
0
0.8
0.4
1.2
0
100
20
40
60
80
V+ = +2.5V
V+ = +1.5V
V+ = +3.5V
V+ = +5.5V
V+ = +4.5V
TPC 3. Output Voltage Drop vs. Load Current
CHARGE-PUMP FREQUENCY – Hz
100
90
30
1k
1M
10k
100k
70
60
50
40
80
IL = 10mA
IL = 1mA
IL = 50mA
IL = 80mA
TPC 4. Efficiency vs. Charge-Pump Frequency
CHARGE-PUMP FREQUENCY – kHz
3.5
3.0
0
1
1000
10
100
1.5
2.0
1.0
0.5
2.5
LV = GND
VOLTAGE DOUBLER
LV = GND
VOLTAGE INVERTER
TPC 5. Power Supply Current vs. Charge-Pump
Frequency
LOAD CURRENT – mA
120
100
0
0
100
20
40
60
80
80
60
40
20
V+ = +5.5V
V+ = +4.5V
V+ = +6.5V
V+ = +1.5V
V+ = +2.5V
V+ = +3.5V
TPC 6. Power Efficiency vs. Load Current
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com