Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1847 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16LF1847
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1847 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16LF1847 Datasheet HTML 52Page - Microchip Technology PIC16LF1847 Datasheet HTML 53Page - Microchip Technology PIC16LF1847 Datasheet HTML 54Page - Microchip Technology PIC16LF1847 Datasheet HTML 55Page - Microchip Technology PIC16LF1847 Datasheet HTML 56Page - Microchip Technology PIC16LF1847 Datasheet HTML 57Page - Microchip Technology PIC16LF1847 Datasheet HTML 58Page - Microchip Technology PIC16LF1847 Datasheet HTML 59Page - Microchip Technology PIC16LF1847 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 410 page
background image
PIC12(L)F1840
DS41441C-page 56
 2011-2012 Microchip Technology Inc.
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
TABLE 5-3:
SUMMARY OF CONFIGURATION WORD WITH CLOCK SOURCES
REGISTER 5-3:
OSCTUNE: OSCILLATOR TUNING REGISTER
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
TUN<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TUN<5:0>: Frequency Tuning bits
100000 = Minimum frequency
•
•
•
111111 =
000000 = Oscillator module is running at the factory-calibrated frequency.
000001 =
•
•
•
011110 =
011111 = Maximum frequency
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCCON
SPLLEN
IRCF<3:0>
—SCS<1:0>
54
OSCSTAT
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
55
OSCTUNE
—
—TUN<5:0>
56
PIE2
OSFIE
—
C1IE
EEIE
BCL1IE
—
—
—
76
PIR2
OSFIF
—
C1IF
EEIF
BCL1IF
—
—
—
78
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—
TMR1ON
161
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
Note 1:
PIC12(L)F1840 only.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
34
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
Note
1:
PIC12F1840 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com