Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F1828 Datasheet(PDF) 21 Page - Microchip Technology

Part # 16F1828
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1828 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 16F1828 Datasheet HTML 17Page - Microchip Technology 16F1828 Datasheet HTML 18Page - Microchip Technology 16F1828 Datasheet HTML 19Page - Microchip Technology 16F1828 Datasheet HTML 20Page - Microchip Technology 16F1828 Datasheet HTML 21Page - Microchip Technology 16F1828 Datasheet HTML 22Page - Microchip Technology 16F1828 Datasheet HTML 23Page - Microchip Technology 16F1828 Datasheet HTML 24Page - Microchip Technology 16F1828 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 410 page
background image
 2011-2012 Microchip Technology Inc.
DS41441C-page 21
PIC12(L)F1840
3.3.5
CORE FUNCTION REGISTERS
SUMMARY
The Core Function registers listed in Table 3-5 can be
addressed from any Bank.
TABLE 3-5:
CORE FUNCTION REGISTERS SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Bank 0-31
x00h or
x80h
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx
uuuu uuuu
x01h or
x81h
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx
uuuu uuuu
x02h or
x82h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
x03h or
x83h
STATUS
—
—
—TO
PD
ZDC
C
---1 1000
---q quuu
x04h or
x84h
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000
uuuu uuuu
x05h or
x85h
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000
0000 0000
x06h or
x86h
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000
uuuu uuuu
x07h or
x87h
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000
0000 0000
x08h or
x88h
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000
---0 0000
x09h or
x89h
WREG
Working Register
0000 0000
uuuu uuuu
x0Ah or
x8Ah
PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000
-000 0000
x0Bh or
x8Bh
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 0000
0000 0000
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com