Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1786 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F1786
Description  28-Pin 8-Bit Advanced Analog Flash Microcontroller
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1786 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F1786 Datasheet HTML 1Page - Microchip Technology PIC16F1786 Datasheet HTML 2Page - Microchip Technology PIC16F1786 Datasheet HTML 3Page - Microchip Technology PIC16F1786 Datasheet HTML 4Page - Microchip Technology PIC16F1786 Datasheet HTML 5Page - Microchip Technology PIC16F1786 Datasheet HTML 6Page - Microchip Technology PIC16F1786 Datasheet HTML 7Page - Microchip Technology PIC16F1786 Datasheet HTML 8Page - Microchip Technology PIC16F1786 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 450 page
background image
PIC16(L)F1782/3
DS41579D-page 2
Preliminary
 2011-2012 Microchip Technology Inc.
Digital Peripheral Features:
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated low-power 32 kHz oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture/Compare/PWM modules (CCP):
- 16-bit capture, maximum resolution 12.5 ns
- 16-bit compare, max resolution 31.25 ns
- 10-bit PWM, max frequency 32 kHz
• Master Synchronous Serial Port (SSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-baud detect
- Auto-wake-up on start
Oscillator Features:
• Operate up to 32 MHz from Precision Internal
Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
32 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• 32.768 kHz Timer1 Oscillator:
- Available as system clock
- Low-power RTC
• External Oscillator Block with:
- 4 crystal/resonator modes up to 32 MHz
using 4x PLL
- 3 external clock modes up to 32 MHz
• 4x Phase-Locked Loop (PLL)
• Fail-Safe Clock Monitor:
- Detect and recover from external oscillator
failure
• Two-Speed Start-up:
- Minimize latency between code execution
and external oscillator start-up
General Microcontroller Features:
• Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with Selectable Trip Point
• Extended Watchdog Timer (WDT)
• In-Circuit Serial ProgrammingTM (ICSPTM)
• In-Circuit Debug (ICD)
• Enhanced Low-Voltage Programming (LVP)
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1782/3)
- 2.3V to 5.5V (PIC16F1782/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com