Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1485ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ Datasheet(HTML) 3 Page - Analog Devices

  ADM1485ARMZ Datasheet HTML 1Page - Analog Devices ADM1485ARMZ Datasheet HTML 2Page - Analog Devices ADM1485ARMZ Datasheet HTML 3Page - Analog Devices ADM1485ARMZ Datasheet HTML 4Page - Analog Devices ADM1485ARMZ Datasheet HTML 5Page - Analog Devices ADM1485ARMZ Datasheet HTML 6Page - Analog Devices ADM1485ARMZ Datasheet HTML 7Page - Analog Devices ADM1485ARMZ Datasheet HTML 8Page - Analog Devices ADM1485ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
ADM1485
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Inputs
Driver Input (DI) . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Control Inputs (DE,
RE) . . . . . . . . . .–0.3 V to V
CC + 0.3 V
Receiver Inputs (A, B) . . . . . . . . . . . . . . . . . . –9 V to +14 V
Outputs
Driver Outputs (A, B) . . . . . . . . . . . . . . . . . . –9 V to +14 V
Receiver Output . . . . . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead MSOP . . . . . . . . . . . . . . . 900 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . 206
°C/W
Power Dissipation 8-Lead PDIP . . . . . . . . . . . . . . . . 500 mW
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . 130°C/W
Power Dissipation 8-Lead SOIC . . . . . . . . . . . . . . . . 450 mW
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . 170°C/W
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin Mnemonic
Function
No.
1
RO
Receiver Output. When enabled if A > B
by 200 mV, then RO = High. If A < B by
200 mV, then RO = Low.
2
RE
Receiver Output Enable. A low level
enables the receiver output, RO. A high
level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables
the driver differential outputs, A and B. A low
level places it in a high impedance state.
4
DI
Driver Input. When the driver is enabled,
a logic low on DI forces A low and B high
while a logic high on DI forces A high and
B low.
5
GND
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver
Output A.
7
B
Inverting Receiver Input B/Driver Output B
8VCC
Power Supply, 5 V
± 5%.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
RO
RE
DE
VCC
B
A
GND
DI
ADM1485
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM1485 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Table I. Transmitting
Inputs
Outputs
DE
DI
B
A
11
0
1
10
1
0
0X
Z
Z
Table II. Receiving
Inputs
Outputs
RE
A-B
RO
0
≥ +0.2 V
1
0
≤ –0.2 V
0
0
Inputs Open
1
1X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com