Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D330ARJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6306D330ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D330ARJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6306D330ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D330ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADM6305/ADM6306
Rev. A | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. ADM6305 Pin Configuration
Table 4. ADM6305 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low, Open-Drain RESET Output.
2
GND
Ground.
3
RST IN1
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of an external resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
4
RST IN2
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of an external resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
5
V
CC
Power Supply Input. V
CC is not monitored on the ADM6305.
Figure 4. ADM6306 Pin Configuration
Table 5. ADM6306 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low, Open-Drain RESET Output.
2
GND
Ground.
3
MR
Manual Reset Input.
4
RST IN
Adjustable Reset Comparator Input. This pin asserts RESET if the input voltage is below threshold. Its high input
impedance allows the use of an external resistor divider to program the monitoring threshold. Connect this pin to
V
CC if it is not used.
5
V
CC
Power Supply Input. V
CC is monitored on the ADM6306.
RESET
1
RST IN1
3
GND
2
VCC
5
RST IN2
3
ADM6305
TOP VIEW
(Not to Scale)
RESET
1
MR
3
GND
2
VCC
5
RST IN
3
ADM6306
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com