Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F1933 Datasheet(PDF) 19 Page - Microchip Technology

Part # 16F1933
Description  28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with XLP Technology
PDF  464 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1933 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 16F1933 Datasheet HTML 15Page - Microchip Technology 16F1933 Datasheet HTML 16Page - Microchip Technology 16F1933 Datasheet HTML 17Page - Microchip Technology 16F1933 Datasheet HTML 18Page - Microchip Technology 16F1933 Datasheet HTML 19Page - Microchip Technology 16F1933 Datasheet HTML 20Page - Microchip Technology 16F1933 Datasheet HTML 21Page - Microchip Technology 16F1933 Datasheet HTML 22Page - Microchip Technology 16F1933 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 464 page
background image
 2011-2012 Microchip Technology Inc.
DS41575C-page 19
PIC16(L)F1933
3.3.1
SPECIAL FUNCTION REGISTER
The Special Function Registers (SFRs) are registers
used by the application to control the desired operation
of peripheral functions in the device. The Special
Function Registers occupy the 20 bytes after the core
registers of every data memory bank (addresses
x0Ch/x8Ch through x1Fh/x9Fh). The registers associ-
ated with the operation of the peripherals are described
in the appropriate peripheral chapter of this data sheet.
3.3.2
GENERAL PURPOSE RAM
There are up to 80 bytes of GPR in each data memory
bank.
3.3.2.1
Linear Access to GPR
The general purpose RAM can be accessed in a
non-banked method via the FSRs. This can simplify
access to large memory structures. See Section 3.6.2
“Linear Data Memory” for more information.
3.3.3
COMMON RAM
There are 16 bytes of common RAM accessible from all
banks.
FIGURE 3-2:
BANKED MEMORY
PARTITIONING
3.3.4
DEVICE MEMORY MAPS
The memory maps for the device family are as shown
in Table 3-2.
TABLE 3-2:
MEMORY MAP TABLES
Device
Banks
Table No.
PIC16F1933
PIC16LF1933
0-7
Table 3-3
8-15
Table 3-4,Table 3-7
16-23
Table 3-5
23-31
Table 3-6, Table 3-8
0Bh
0Ch
1Fh
20h
6Fh
70h
7Fh
00h
Common RAM
(16 bytes)
General Purpose RAM
(80 bytes maximum)
Core Registers
(12 bytes)
Special Function Registers
(20 bytes maximum)
Memory Region
7-bit Bank Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com