Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-1.2-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1752ACPZ-1.2-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.2-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1752ACPZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP1752/ADP1753
Rev. E | Page 9 of 20
CH1 500mV BW
CH2 2.0mV
B
W M10µs
A CH4
800mA
1
2
T 9.40%
T
VIN
3V TO 3.5V INPUT VOLTAGE STEP, 2V/µs
VOUT
2mV/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 17. Line Transient Response, Load Current = 800 mA
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
LOAD CURRENT (A)
0.75V
1.5V
2.5V
Figure 18. Noise vs. Load Current and Output Voltage
10
1
0.1
0.01
10
100
1k
10k
100k
FREQUENCY (Hz)
0.75V
1.5V
2.5V
Figure 19. Noise Spectral Density vs. Output Voltage, ILOAD = 10 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
800mA
400mA
100mA
10mA
Figure 20. Power Supply Rejection Ratio vs. Frequency,
VOUT = 0.75 V, VIN = 1.75 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 800mA
LOAD = 400mA
LOAD = 100mA
LOAD = 10mA
Figure 21. Power Supply Rejection Ratio vs. Frequency,
VOUT = 1.5 V, VIN = 2.5 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 800mA
LOAD = 400mA
LOAD = 100mA
LOAD = 10mA
Figure 22. Power Supply Rejection Ratio vs. Frequency,
VOUT = 2.5 V, VIN = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com