Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1752ACPZ-2.5-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1752ACPZ-2.5-R7
Description  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-2.5-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1752ACPZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-2.5-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 12 of 20
CH1 2.0V BW
CH2 500mV BW M40µs
A CH1
920mV
1
2
T 9.8%
T
EN
VOUT
500mV/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 27. VOUT Ramp-Up with Internal Soft Start
ADJUSTABLE OUTPUT VOLTAGE (ADP1753)
The output voltage of the ADP1753 can be set over a 0.75 V to
3.3 V range. The output voltage is set by connecting a resistive
voltage divider from VOUT to ADJ. The output voltage is calcu-
lated using the following equation:
VOUT = 0.5 V × (1 + R1/R2)
(2)
where:
R1 is the resistor from VOUT to ADJ.
R2 is the resistor from ADJ to GND.
The maximum bias current into ADJ is 150 nA. Therefore, to
achieve less than 0.5% error due to the bias current, use values
less than 60 kΩ for R2.
ENABLE FEATURE
The ADP1752/ADP1753 use the EN pin to enable and disable
the VOUT pin under normal operating conditions. As shown in
Figure 28, when a rising voltage on EN crosses the active
threshold, VOUT turns on. When a falling voltage on EN
crosses the inactive threshold, VOUT turns off.
2
CH1 500mV BW CH2 500mV BW M2.0ms
A CH1
1.05V
1
T 29.6%
T
EN
VOUT
500mV/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 28. Typical EN Pin Operation
As shown in Figure 28, the EN pin has hysteresis built in. This
hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 29 shows typical EN active/inactive thresholds
when the input voltage varies from 1.6 V to 3.6 V.
1.1
0.5
0.6
0.7
0.8
0.9
1.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
INPUT VOLTAGE (V)
EN ACTIVE
EN INACTIVE
Figure 29. Typical EN Pin Thresholds vs. Input Voltage
POWER-GOOD FEATURE
The ADP1752/ADP1753 provide a power-good pin, PG, to
indicate the status of the output. This open-drain output
requires an external pull-up resistor to VIN. If the part is in
shutdown, in current limit mode, in thermal shutdown, or if it
falls below 90% of the nominal output voltage, PG immediately
transitions low. During soft start, the rising threshold of the
power-good signal is 93.5% of the nominal output voltage.
The open-drain output is held low when the ADP1752/ADP1753
have sufficient input voltage to turn on the internal PG transistor.
An optional soft start delay can be detected. The PG transistor
is terminated via a pull-up resistor to VOUT or VIN.
Power-good accuracy is 93.5% of the nominal regulator output
voltage when this voltage is rising, with a 90% trip point when
this voltage is falling.
Regulator input voltage brownouts or glitches trigger a power
no-good if VOUT falls below 90%.
A normal power-down triggers a power no-good when VOUT
drops below 90%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com