Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2302ARDZ-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2302ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP2302ARDZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP2302/ADP2303
Data Sheet
Rev. A | Page 10 of 28
CH1 2.00V BW
CH2 10.0V
M1.00ms
A CH3
6.20V
1
4
2
3
T 20.20%
VOUT
IL
EN
SW
CH3 10.0V BW
CH4 2.00A Ω
Figure 28. Soft Start Without Load, VOUT = 3.3 V, VIN = 12 V
CH1 500mV
B
W
M200µs
A CH4
1.20A
1
4
T 20.00%
VOUT (AC)
IO
CH4 2.00A Ω
Figure 29. ADP2303 Load Transient, 0.5 A to 3.0 A, VOUT = 5.0 V, VIN = 12 V,
L = 4.7 μH, COUT = 47 μF
CH1 200mV
B
W
M200µs
A CH4
1.20A
1
4
T 20.00%
VOUT (AC)
IO
CH4 1.00A Ω
Figure 30. ADP2302 Load Transient, 0.5 A to 2.0 A, VOUT = 5.0 V, VIN = 12 V,
L = 6.8 μH, COUT = 2 × 22 μF
CH1 2.00V BW
CH2 10.0V
M1.00ms
A CH3
3.60V
1
4
2
3
T 20.20%
VOUT
EN
SW
CH3 10.0V BW
CH4 2.00A Ω
IL
Figure 31. Soft Start with Full Load, VOUT = 3.3 V, VIN = 12 V
CH1 200mV
B
W
M200µs
A CH4
1.88A
1
4
T 20.00%
VOUT (AC)
IO
CH4 2.00A Ω
Figure 32. ADP2303 Load Transient, 0.5 A to 3.0 A, VOUT = 3.3 V, VIN = 12 V,
L = 4.7 μH, COUT = 2 × 47 μF
CH1 200mV
B
W
M200µs
A CH4
1.20A
1
4
T 20.00%
VOUT (AC)
IO
CH4 1.00A Ω
Figure 33. ADP2302 Load Transient, 0.5 A to 2.0 A, VOUT = 3.3 V, VIN = 12 V,
L = 6.8 μH, COUT = 2 × 22 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com