Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ-2.5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2302ARDZ-2.5-R7
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ-2.5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2302ARDZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADP2302ARDZ-2.5-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP2302/ADP2303
Rev. A | Page 17 of 28
2
4
6
8
10
12
14
16
18
20
22
0
2468
10
12
14
16
VOUT (V)
MAXIMUM INPUT VOLTAGE
MINIMUM INPUT VOLTAGE
Figure 47. Voltage Conversion Limitations
LOW INPUT VOLTAGE CONSIDERATIONS
For low input voltage between 3 V and 5 V, the internal boot
regulator cannot provide enough bootstrap voltage due to the
internal dropout voltage. As a result, the increased MOSFET
RDS(ON) reduces the available load current. To prevent this, add
an external small-signal Schottky diode from a 5.0 V external
bootstrap bias voltage. Because the absolute maximum rating
between the BST and SW pins is 6.0 V, the bias voltage should
be less than 5.5 V. Figure 48 shows the application diagram for
the external bootstrap circuit.
VIN
3.0V ~ 5.0V
ADP2302/
ADP2303
EN
GND
OFF
ON
BST
SW
SCHOTTKY
DIODE
5V BIAS VOLTAGE
FB
Figure 48. External Bootstrap Circuit for Low Input Voltage Application
PROGRAMMING THE PRECISION ENABLE
Generally, the EN pin can connect to the VIN pin so that the
device automatically starts up when the input power is applied.
However, the precision enabling feature allows the ADP2302/
ADP2303 to be used as a programmable UVLO by connecting
a resistive voltage divider to VIN, as shown in Figure 49. This
configuration prevents the start-up problems that can occur
when VIN ramps up slowly in soft start with a relatively high
load current.
VIN
VIN
REN1
REN2
ADP2302/
ADP2303
EN
Figure 49. Precision Enable Used as a Programmable UVLO
The precision enable feature also allows the ADP2302/ADP2303 to
be sequenced precisely by using a resistive voltage divider from
another dc-to-dc power supply, as shown in Figure 50.
REN1
REN2
ADP2302/
ADP2303
EN
ANOTHER
DC/DC
SUPPLIER
Figure 50. Precision Enable Used as a Sequencing Control
from Another DC-to-DC Power Supply
With a 1.2 μA pull-down current on the EN pin, the equation for
the start-up voltage in Figure 49 and Figure 50 is
V
2
.
1
μA
2
.
1
V
2
.
1


EN1
EN2
STARTUP
R
R
V
where:
VSTARTUP is the start-up voltage to enable the chip.
REN1 is the resistor from the dc source to EN.
REN2 is the resistor from EN to GND.
INDUCTOR
The high switching frequency of the ADP2302/ADP2303 allows
the use of small inductors. For best performance, use inductor
values between 1 μH and 15 μH.
The peak-to-peak inductor ripple current is calculated using the
following equation:


D
IN
D
OUT
sw
OUT
IN
RIPPLE
V
V
V
V
f
L
V
V
I
)
(
where:
fSW is the switching frequency.
L is the inductor value.
VD is the diode forward drop.
VIN is the input voltage.
VOUT is the output voltage.
Inductors of smaller values are usually smaller in size but
increase the ripple current and the output ripple voltage. As a
guideline, the inductor peak-to-peak ripple current is typically
set to 30% of the maximum load current for optimal transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com