Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300ART-3 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3300ART-3
Description  High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300ART-3 Datasheet(HTML) 7 Page - Analog Devices

  ADP3300ART-3 Datasheet HTML 1Page - Analog Devices ADP3300ART-3 Datasheet HTML 2Page - Analog Devices ADP3300ART-3 Datasheet HTML 3Page - Analog Devices ADP3300ART-3 Datasheet HTML 4Page - Analog Devices ADP3300ART-3 Datasheet HTML 5Page - Analog Devices ADP3300ART-3 Datasheet HTML 6Page - Analog Devices ADP3300ART-3 Datasheet HTML 7Page - Analog Devices ADP3300ART-3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. B
ADP3300
–7–
Thermal Overload Protection
The ADP3300 is protected against damage due to excessive
power dissipation by its thermal overload protection circuit,
which limits the die temperature to a maximum of 165
°C.
Under extreme conditions (i.e., high ambient temperature
and high power dissipation), where die temperature starts to rise
above 165
°C, the output current is reduced until die tempera-
ture has dropped to a safe level. Output current is restored
when the die temperature is reduced.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, device power dissipation should be externally
limited so that junction temperatures will not exceed 125
°C.
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PD = (VIN – VOUT) ILOAD + (VIN) IGND
Where ILOAD and IGND are load current and ground current,
VIN and VOUT are input and output voltages respectively.
Assuming ILOAD = 50 mA, IGND = 0.5 mA, VIN = 8 V and
VOUT = 3.3 V, device power dissipation is:
PD = (8 – 3.3) 0.05 + 8
× 0.5 mA = 0.239 W
∆T = T
J – TA = PD
× θ
JA = 0.239
× 165 = 39.4
°C
With a maximum junction temperature of 125
°C, this yields a
maximum ambient temperature of 85
°C.
Printed Circuit Board Layout Consideration
Surface mount components rely on the conductive traces or
pads to transfer heat away from the device. Appropriate PC
board layout techniques should be used to remove heat from the
immediate vicinity of the package.
The following general guidelines will be helpful when designing
a board layout:
1. PC board traces with larger cross section areas will remove
more heat. For optimum results, use PC boards with thicker
copper and wider traces.
2. Increase the surface area exposed to open air so heat can be
removed by convection or forced air flow.
3. Do not use solder mask or silkscreen on the heat dissipating
traces because it will increase the junction to ambient thermal
resistance of the package.
Shutdown Mode
Applying a high signal to the shutdown pin or tying it to the
input pin will turn the output ON. Pulling the shutdown pin
down to 0.3 V or below, or tying it to ground, will turn the
output OFF. In shutdown mode, quiescent current is reduced
to less than 1
µA.
Error Flag Dropout Detector
The ADP3300 will maintain its output voltage over a wide
range of load, input voltage and temperature conditions. If the
output is about to lose regulation, for example, by reducing the
supply voltage below the combined regulated output and dropout
voltages, the
ERR pin will be activated. The ERR output is an
open collector that will be driven low.
Once set, the
ERRor flag’s hysteresis will keep the output low
until a small margin of operating range is restored either by
raising the supply voltage or reducing the load.
APPLICATION CIRCUITS
Crossover Switch
The circuit in Figure 4 shows that two ADP3300s can be used
to form a mixed supply voltage system. The output switches
between two different levels selected by an external digital input.
Output voltages can be any combination of voltages from the
Ordering Guide.
ADP3300-5.0
OUT
IN
GND
OUTPUT SELECT
5.0V
0V
SD
C1
1.0 F
ADP3300-3.3
OUT
IN
GND
SD
C2
0.47 F
VOUT = 5V/3.3V
VIN = 5.5V TO 12V
+
+
Figure 4. Crossover Switch
Higher Output Current
If higher current is needed, an appropriate pass transistor can be
used, as in Figure 5, to increase the output current to 1 A.
VIN = 6V TO 8V
VOUT = 5V @ 1A
MJE253*
C2
10 F
C1
47 F
R1
50
*AAVID531002 HEAT SINK IS USED
IN
OUT
ERR
GND
SD
ADP3300-5
+
Figure 5. High Output Current Linear Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com