Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300ART-3.3 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3300ART-3.3
Description  High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300ART-3.3 Datasheet(HTML) 4 Page - Analog Devices

  ADP3300ART-3.3 Datasheet HTML 1Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 2Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 3Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 4Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 5Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 6Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 7Page - Analog Devices ADP3300ART-3.3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
ADP3300–Typical Performance Characteristics
–4–
INPUT VOLTAGE – Volts
3.202
3.199
3.196
3.3
14
4
5
6
7
8
9
10 11 12 13
3.201
3.200
3.198
3.197
IL = 0mA
IL = 10mA
IL = 50mA
VOUT = 3.2V
TPC 1. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
820
690
170
080
20
40
60
560
430
300
IL = 0 TO 80mA
VIN = 7V
TPC 4. Quiescent Current vs.
Load Current
OUTPUT LOAD – mA
120
96
080
20
40
60
72
48
24
0
TPC 7. Dropout Voltage
vs. Output Current
OUTPUT LOAD – mA
3.202
3.195
080
8
16
2432 40
48 566472
3.201
3.200
3.199
3.198
3.197
3.196
VOUT = 3.2V
VIN = 7V
TPC 2. Output Voltage vs. Load
Current
TEMPERATURE – C
0.2
–0.4
–45 –25
135
–5
1535
7595 115
55
0.1
0.0
–0.1
–0.2
–0.3
IL = 0 – 50mA
TPC 5. Output Voltage Varia-
tion % vs. Temperature
INPUT VOLTAGE – Volts
5
0
03
0
43
2
4
2
1
3
2
11
RL = 33
VOUT = 3.2V
RL = 64
TPC 8. Power-Up/Power-Down
INPUT VOLTAGE – Volts
800
640
0
0
12.0
1.2 2.4 3.6 4.8 6.0 7.2 8.4 9.6 10.8
480
320
160
VOUT = 3.2V
IL = 0mA
TPC 3. Quiescent Current vs.
Supply Voltage
TEMPERATURE – C
700
–45 –25 –51535557595 115 135
600
500
400
300
200
100
0
VIN = 7V
IL = 50mA
IL = 0mA
TPC 6. Quiescent Current vs.
Temperature
TIME –
s
0
0
100
200
2.0
VSD = VIN
CL = 0.47 F
RL = 66
VOUT = 3.3V
1.0
3.0
4.0
5.0
6.0
7.0
8.0
20
40 60
80
120 140 160 180
VIN
VOUT
TPC 9. Power-Up Overshoot



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com