Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR360BUJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR360BUJZ-R2
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360BUJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR360BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 18Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 19Page - Analog Devices ADR360BUJZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 17 of 20
APPLICATIONS INFORMATION
BASIC VOLTAGE REFERENCE CONNECTION
The circuit in Figure 33 illustrates the basic configuration for
the ADR36x family. Decoupling capacitors are not required for
circuit stability. The ADR36x family is capable of driving
capacitive loads from 0 μF to 10 μF. However, a 0.1 μF ceramic
output capacitor is recommended to absorb and deliver the
charge, as is required by a dynamic load.
1
2
3
NC
GND
VIN
ADR36x
5
4
TRIM
VOUT
INPUT
0.1µF
OUTPUT
0.1µF
Figure 33. Basic Configuration for the ADR36x Family
Stacking Reference ICs for Arbitrary Outputs
Some applications require two reference voltage sources, which
are a combined sum of standard outputs. Figure 34 shows how
this stacked output reference can be implemented.
NC
NC
GND
GND
VIN
VIN
ADR36x
ADR36x
TRIM
TRIM
VOUT
VOUT
1
1
2
2
3
3
5
5
4
4
VOUT2
VOUT1
VIN
C1
0.1µF
C2
0.1µF
Figure 34. Stacking Voltage References with the ADR36x
Two reference ICs are used and fed from an unregulated input,
VIN. The outputs of the individual ICs are connected in series,
which provides two output voltages, VOUT1 and VOUT2. VOUT1 is
the terminal voltage of U1, and VOUT2 is the sum of this voltage
and the terminal voltage of U2. U1 and U2 are chosen for the
two voltages that supply the required outputs (see Table 10). For
example, if both U1 and U2 are ADR361s, VOUT1 is 2.5 V and
VOUT2 is 5.0 V.
Table 10. Output
U1/U2
VOUT1 (V)
VOUT2 (V)
ADR361/ADR365
2.5
7.5
ADR361/ADR361
2.5
5.0
ADR365/ADR361
5
7.5
Negative Precision Reference Without Precision
Resistors
A negative reference is easily generated by adding an op amp,
A1 (see Figure 35). VOUTF and VOUTS are at virtual ground and
therefore the negative reference can be taken directly from the
output of the op amp. The op amp must be dual-supply, low
offset, and rail-to-rail if the negative supply voltage is close to
the reference output.
NC
GND
VIN
ADR36x
TRIM
VOUT
1
2
3
–
+
5
4
–VREF
–VDD
+VDD
A1
Figure 35. Negative Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com