Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333ARMZ-3-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3333ARMZ-3-R71
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-3-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3333ARMZ-3-R71 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 9Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 10Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 11Page - Analog Devices ADP3333ARMZ-3-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3333
Rev. B | Page 8 of 12
10
2.4
2.5
2.6
300
2.7
TIME (µs)
200
400
600
800
VIN = 4V
VOUT = 2.5V
CL = 10µF
Figure 16. Load Transient Response, CL = 10 µF
0
1
2
3
0
2.5
TIME (µs)
200
400
600
800
VIN = 6V
VIN = 3.6V
Figure 17. Short-Circuit Current
0
0
2
1
2
3
1µF
1µF
10µF
10µF
TIME (µs)
200
400
600
800
VIN = 6V
VOUT = 2.5V
RL = 8.3Ω
Figure 18. Turn-On/Turn-Off Response
FREQUENCY (Hz)
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
CL = 10µF
IL = 500mA
CL = 10µF
IL = 50µA
VOUT = 2.2V
CL = 1µF
IL = 500mA
CL = 1µF
IL = 50µA
Figure 19. Power Supply Ripple Rejection
0mA
0
20
40
60
80
120
100
300mA
0
10
20
30
40
50
CL (µF)
Figure 20. RMS Noise vs. CL (10 Hz to 100 kHz)
FREQUENCY (Hz)
100
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
1M
VOUT = 2.5V
IL = 1mA
CL = 1µF
CL = 10µF
Figure 21. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com