Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR137G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR137G
Description  1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR137G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR137G Datasheet HTML 1Page - Solid States Devices, Inc SVR137G Datasheet HTML 2Page - Solid States Devices, Inc SVR137G Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0011B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SVR137 __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Lead Bend
__ = Straight
DB = Down Bend
UB = Up Bend
Package
M = TO-254
Z = TO-254Z
J = TO-257
G = CerPack
S.5= SMD.5
SVR137 Series
1.5 AMP
Negative Adjustable
Linear Voltage Regulator
40 Volts
Features:
Guaranteed 0.02% line regulation
Guaranteed 0.5% load regulation
Min 1.5A output current
Eutectic die attach
Superior to LM137 types
Complimentary use with LM117 types
Isolated hermetically sealed power package (M,Z,J)
150°C operating temperature
Custom lead forming available (M,Z,J)
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Power Dissipation
3/
PD
Internally
Limited, 20
W
Input to Output Voltage Differential
ΔVIN/OUT
40
V
Maximum Current Load
IFSM
100
Amps
Operating Junction Temperature
TJ
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
TO-254(M)
TO-254Z(Z)
TO-257(J)
CerPack (G)
SMD.5 (S.5)
Notes:
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, these specifications apply: ΔV = 5V and IOUT = 0.5A. Power dissipation is internally limited. However, these
specifications apply for power dissipation up to 20W, IMAX = 1.5A.
4/ Testing is done using a pulsed low duty cycle technique.


Similar Part No. - SVR137G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
Negative Adjustable Linear Voltage Regulator
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBS SSDI-SVR137AGDBS Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBTX SSDI-SVR137AGDBTX Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBTXV SSDI-SVR137AGDBTXV Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results

Similar Description - SVR137G

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR117AHV SSDI-SVR117AHV Datasheet
47Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117A SSDI-SVR117A Datasheet
66Kb / 2P
1.5 Amp / 40 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
-1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR117AG SSDI-SVR117AG Datasheet
158Kb / 3P
1.5 AMP Positive Adjustable Linear Voltage Regulator 40 Volts
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com