Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333ARMZ-5-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3333ARMZ-5-R71
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-5-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3333ARMZ-5-R71 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 9Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 10Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 11Page - Analog Devices ADP3333ARMZ-5-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP3333
Rev. B | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 23. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP3333ARM-1.5-RL
−40°C to +85°C
1.5
8-Lead MSOP
RM-8
LKA
ADP3333ARM-1.5-RL7
−40°C to +85°C
1.5
8-Lead MSOP
RM-8
LKA
ADP3333ARM-1.8-RL
−40°C to +85°C
1.8
8-Lead MSOP
RM-8
LKB
ADP3333ARM-1.8-RL7
−40°C to +85°C
1.8
8-Lead MSOP
RM-8
LKB
ADP3333ARM-2.5-RL
−40°C to +85°C
2.5
8-Lead MSOP
RM-8
LKC
ADP3333ARM-2.5-RL7
−40°C to +85°C
2.5
8-Lead MSOP
RM-8
LKC
ADP3333ARM-2.77-RL
−40°C to +85°C
2.77
8-Lead MSOP
RM-8
LKD
ADP3333ARM-2.77-R7
−40°C to +85°C
2.77
8-Lead MSOP
RM-8
LKD
ADP3333ARM-3-REEL
−40°C to +85°C
3
8-Lead MSOP
RM-8
LKE
ADP3333ARM-3-REEL7
−40°C to +85°C
3
8-Lead MSOP
RM-8
LKE
ADP3333ARM-3.15-RL
−40°C to +85°C
3.15
8-Lead MSOP
RM-8
LKF
ADP3333ARM-3.15-R7
−40°C to +85°C
3.15
8-Lead MSOP
RM-8
LKF
ADP3333ARM-3.3-RL
−40°C to +85°C
3.3
8-Lead MSOP
RM-8
LKG
ADP3333ARM-3.3-RL7
−40°C to +85°C
3.3
8-Lead MSOP
RM-8
LKG
ADP3333ARM-5-REEL
−40°C to +85°C
5
8-Lead MSOP
RM-8
LKH
ADP3333ARM-5-REEL7
−40°C to +85°C
5
8-Lead MSOP
RM-8
LKH
ADP3333ARMZ-1.5-R71
−40°C to +85°C
1.5
8-Lead MSOP
RM-8
L1X
ADP3333ARMZ-1.5-RL1
−40°C to +85°C
1.5
8-Lead MSOP
RM-8
L1X
ADP3333ARMZ-1.8-RL1
−40°C to +85°C
1.8
8-Lead MSOP
RM-8
L1U
ADP3333ARMZ-1.8RL71
−40°C to +85°C
1.8
8-Lead MSOP
RM-8
L1U
ADP3333ARMZ-2.5-RL1
−40°C to +85°C
2.5
8-Lead MSOP
RM-8
L1V
ADP3333ARMZ-2.5-R71
−40°C to +85°C
2.5
8-Lead MSOP
RM-8
L1V
ADP3333ARMZ-2.77R71
−40°C to +85°C
2.77
8-Lead MSOP
RM-8
L1Y
ADP3333ARMZ-3-R71
−40°C to +85°C
3.0
8-Lead MSOP
RM-8
L1W
ADP3333ARMZ-3.15R71
−40°C to +85°C
3.15
8-Lead MSOP
RM-8
L1Z
ADP3333ARMZ-3.3-R71
−40°C to +85°C
3.3
8-Lead MSOP
RM-8
L20
ADP3333ARMZ-3.3-RL1
−40°C to +85°C
3.3
8-Lead MSOP
RM-8
L20
ADP3333ARMZ-5-R71
−40°C to +85°C
5.0
8-Lead MSOP
RM-8
L21
ADP3333ARMZ-5-RL1
−40°C to +85°C
5.0
8-Lead MSOP
RM-8
L21
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com