Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C145SW16TF Datasheet(PDF) 13 Page - Microchip Technology

Part # RE46C145SW16TF
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C145SW16TF Datasheet(HTML) 13 Page - Microchip Technology

Back Button RE46C145SW16TF Datasheet HTML 9Page - Microchip Technology RE46C145SW16TF Datasheet HTML 10Page - Microchip Technology RE46C145SW16TF Datasheet HTML 11Page - Microchip Technology RE46C145SW16TF Datasheet HTML 12Page - Microchip Technology RE46C145SW16TF Datasheet HTML 13Page - Microchip Technology RE46C145SW16TF Datasheet HTML 14Page - Microchip Technology RE46C145SW16TF Datasheet HTML 15Page - Microchip Technology RE46C145SW16TF Datasheet HTML 16Page - Microchip Technology RE46C145SW16TF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2009-2012 Microchip Technology Inc.
DS22181C-page 13
RE46C145
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
16-Lead PDIP (300 mil)
Example
RE46C145-V/P^^
1220256
3
e
16-Lead Narrow SOIC (3.90 mm)
Example
RE46C145
V/SL^^
1220256
3
e
16-Lead Wide SOIC (7.50 mm)
Example
RE46C145
V/SO^^
1220256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com