Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR360 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 2 Page - Analog Devices

  ADR360 Datasheet HTML 1Page - Analog Devices ADR360 Datasheet HTML 2Page - Analog Devices ADR360 Datasheet HTML 3Page - Analog Devices ADR360 Datasheet HTML 4Page - Analog Devices ADR360 Datasheet HTML 5Page - Analog Devices ADR360 Datasheet HTML 6Page - Analog Devices ADR360 Datasheet HTML 7Page - Analog Devices ADR360 Datasheet HTML 8Page - Analog Devices ADR360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADR360 Electrical Characteristics............................................. 3
ADR361 Electrical Characteristics............................................. 4
ADR363 Electrical Characteristics............................................. 5
ADR364 Electrical Characteristics............................................. 6
ADR365 Electrical Characteristics............................................. 7
ADR366 Electrical Characteristics............................................. 8
Absolute Maximum Ratings............................................................ 9
Thermal Resistance .......................................................................9
ESD Caution...................................................................................9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 15
Theory of Operation ...................................................................... 16
Device Power Dissipation Considerations.............................. 16
Input Capacitor........................................................................... 16
Output Capacitor........................................................................ 16
Applications Information .............................................................. 17
Basic Voltage Reference Connection ....................................... 17
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 20
Automotive Products ................................................................. 20
REVISION HISTORY
10/10—Rev. C to Rev. D
Changes to Features Section and General Description Section . 1
Changed Supply Voltage Headroom to Dropout Voltage
Throughout ....................................................................................... 3
Changed 0.1 Hz to 10 Hz to f = 0.1 Hz to 10 Hz Throughout.... 3
Change to Table 8 ............................................................................. 9
Changes to Figure 13...................................................................... 11
Changes to Figure 14...................................................................... 12
Changes to Ordering Guide .......................................................... 20
Added Automotive Products Section .......................................... 20
7/07—Rev. B to Rev. C
Changes to Ripple Rejection Ratio in Table 2............................... 3
Changes to Ripple Rejection Ratio in Table 3............................... 4
Changes to Ripple Rejection Ratio in Table 4............................... 5
Changes to Ripple Rejection Ratio in Table 5............................... 6
Changes to Ripple Rejection Ratio in Table 6............................... 7
Changes to Ripple Rejection Ratio in Table 7............................... 8
2/07—Rev. A to Rev. B
Changes to Table 7.............................................................................8
Changes to Figure 6........................................................................ 11
Changes to Figure 13, Figure 14, Figure 17,
and Figure 27 Captions.................................................................. 12
Changes to Ordering Guide .......................................................... 19
3/06—Rev. 0 to Rev. A
Changes to Figure 15 Caption ...................................................... 13
Changes to Figure 21 Caption ...................................................... 14
Changes to Theory of Operation Section.................................... 16
Changes to Figure 36...................................................................... 18
4/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com