Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043 Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8043
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043 Datasheet(HTML) 3 Page - Analog Devices

  DAC8043 Datasheet HTML 1Page - Analog Devices DAC8043 Datasheet HTML 2Page - Analog Devices DAC8043 Datasheet HTML 3Page - Analog Devices DAC8043 Datasheet HTML 4Page - Analog Devices DAC8043 Datasheet HTML 5Page - Analog Devices DAC8043 Datasheet HTML 6Page - Analog Devices DAC8043 Datasheet HTML 7Page - Analog Devices DAC8043 Datasheet HTML 8Page - Analog Devices DAC8043 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DAC8043
Rev. E | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 5 V; VREF = 10 V; IOUT = GND = 0 V; TA = full temperature range specified under the Absolute Maximum Ratings, unless otherwise
noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
STATIC ACCURACY
Resolution
N
12
Bits
Nonlinearity1
INL
DAC8043G
±½
LSB
DAC8043F
1
LSB
Differential Nonlinearity2
DNL
±1
LSB
Gain Error3
G
FSE
T
A = 25°C
2
LSB
T
A = full temperature range, all grades
2
LSB
Gain Tempco ( ΔGain/∆Temp)4
TC
GFS
±5
ppm/°C
Power Supply Rejection Ratio
(ΔGain/ΔV
DD)
PSRR
ΔV
DD = ±5%
±0.0006
±0.002
%/%
Output Leakage Current5
I
LKG
T
A = 25°C
±5
nA
T
A = full temperature range
±25
nA
Zero Scale Error6, 7
I
ZSE
T
A = 25°C
0.03
LSB
T
A = full temperature range
0.15
LSB
Input Resistance8
R
IN
7
11
15
kΩ
AC PERFORMANCE
Output Current
Settling Time4, 9
t
S
T
A = 25°C, VREF = 0 V
0.25
1
μs
Digital-to-Analog Glitch Energy4, 10
Q
I
OUT load = 100 Ω, CEXT = 13 pF, DAC register loaded
alternately with all 0s and all 1s
2
20
nVs
Feedthrough Error (V
REF to IOUT)
4, 11
FT
V
REF = 20 V p-p @ f = 10 kHz, digital input = 0000
0000 0000
0.7
1
mV p-p
T
A = 25°C
Total Harmonic Distortion4
THD
V
REF = 6 V rms @ 1 kHz, DAC register loaded with
all 1s
–85
dB
Output Noise Voltage Density4, 12
e
n
10 Hz to 100 kHz between R
FB and IOUT
17
nV/√Hz
DIGITAL INPUTS
Digital Input
High
V
IN
2.4
V
Low
V
IL
0.8
V
Input Leakage Current13
I
IL
V
IN = 0 V to +5 V
±1
μA
Input Capacitance4, 11
C
IN
V
IN = 0 V
8
pF
ANALOG OUTPUTS
Output Capacitance4
C
OUT
Digital inputs = V
IH
110
pF
Digital inputs = V
IL
80
pF
TIMING CHARACTERISTICS4, 14
Data Setup Time
t
DS
T
A = full temperature range
40
ns
Data Hold Time
t
DH
T
A = full temperature range
80
ns
Clock Pulsewidth High
t
CH
T
A = full temperature range
90
ns
Clock Pulsewidth Low
t
CL
T
A = full temperature range
120
ns
Load Pulsewidth
t
LD
T
A = full temperature range
120
ns
LSB Clock Into Input Register to
Load DAC Register Time
t
ASB
T
A = full temperature range
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com