Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043FPZ Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8043FPZ
Description  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043FPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8043FPZ Datasheet HTML 2Page - Analog Devices DAC8043FPZ Datasheet HTML 3Page - Analog Devices DAC8043FPZ Datasheet HTML 4Page - Analog Devices DAC8043FPZ Datasheet HTML 5Page - Analog Devices DAC8043FPZ Datasheet HTML 6Page - Analog Devices DAC8043FPZ Datasheet HTML 7Page - Analog Devices DAC8043FPZ Datasheet HTML 8Page - Analog Devices DAC8043FPZ Datasheet HTML 9Page - Analog Devices DAC8043FPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DAC8043
Rev. E | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF 1
RFB 2
IOUT 3
GND
4
VDD
8
CLK
7
SRI
6
LD
5
DAC8043
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead PDIP
DAC8043
TOP VIEW
(Not to Scale)
NC
1
NC
2
VREF 3
RFB 4
NC
16
NC
15
VDD
14
CLK
13
IOUT 5
SRI
12
GND
6
LD
11
GND
7
NC
10
NC
8
NC
9
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 3. 16-Lead Wide-Body SOIC
Table 5. Pin Function Descriptions
Pin No.
8-Lead PDIP
16-Lead SOIC
Mnemonic
Description
1
3
V
REF
DAC Reference Voltage Input Pin.
2
4
R
FB
DAC Feedback Resistor Pin. This pin establishes voltage output for the DAC by
connecting to an external amplifier output.
3
5
I
OUT
DAC Current Output.
4
6, 7
GND
Ground Pin.
5
11
LD
Load Strobe, Level-Sensitive Digital Input. Transfers shift-register data to DAC register
while active low.
6
12
SRI
12-Bit Serial Register Input. Data loads directly into the shift register MSB first. Extra
leading bits are ignored.
7
13
CLK
Serial Clock Input. Positive-edge clocks data into shift register.
8
14
V
DD
Positive Power Supply Input.
1, 2, 8, 9, 10, 15, 16
NC
Do Not Connect to These Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com